Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


BA05TFP Datasheet(Hoja de datos) 1 Page - Rohm

No. de Pieza. BA05TFP
Descripción  Low saturation voltage type 3-pin regulator
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo 

   
 1 page
background image
BAOOT / BAOOFP series
Regulator ICs
Low saturation voltage type 3-pin
regulator
BAOOT / BAOOFP series
The BA
ΟΟT and BAΟΟFP series are fixed positive output low drop-out type, 3-pin voltage regulators with positive output.
These regulators are used to provide a stabilized output voltage from a fluctuating DC input voltage.
There are 10 fixed output voltages, as follows:3V, 3.3V, 5V, 6V*, 7V, 8V, 9V, 10V, 12V and 15V. The maximum current
capacity is 1A for each of the above voltages. (Items marked with an asterisk are under development.)
!
!
!
!
Application
Constant voltage power supply
!
!
!
!
Features
1) Built-in overvoltage protection circuit, overcurrent
protection circuit and thermal shutdown circuit.
2) TO220FP and TO252-3 packages are available to
cover a wide range of applications.
3) Compatible with the BA178
ΟΟ series.
4) Richly diverse lineup.
5) Low minimum I / O voltage differential.
!
!
!
!
Product codes
Product No.
Product No.
3.0
BA03T / FP
8.0
BA08T / FP
3.3
BA033T / FP
9.0
BA09T / FP
5.0
BA05T / FP
10.0
BA10T / FP
6.0
BA06T / FP
12.0
BA12T / FP
7.0
BA07T / FP
15.0
BA15T / FP
Output voltage (V)
Output voltage (V)
∗∗
∗ : Under development.
!
!
!
!
Block diagram
1
2
OUT
+
REFERENCE
VOLTAGE
GND
VCC
+
3




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
BA03TLow saturation voltage type 3-pin regulator 1 2 3 4 5 MoreRohm
BAOOTLow saturation voltage type 3-pin regulator 1 2 3 4 5 MoreRohm
AN80003-pin Positive Output Low Dropout Voltage Regulator 50mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AN80XX3-pin positive output low dropout voltage regulator 50 mA type 1 2 3 4 5 MorePanasonic Semiconductor
BAOOSTLow saturation voltage type regulator with ON / OFF switch 1 2 3 4 5 MoreRohm
AN79N003-pin Negative Output Voltage Regulator 300mA Type 1 2 3 4 5 MorePanasonic Semiconductor
AN78LXX3-pin positive output voltage regulator 100 mA type 1 2 3 4 5 MorePanasonic Semiconductor
AN7805F3-pin positive output voltage regulator 1 A type 1 2 3 4 5 MorePanasonic Semiconductor
M5294PSYSTEM RESET IC WITH LOW INPUT-OUTPUT VOLTAGE DIFFERENTIAL TYPE +-5V REGURATOR AND 3.0V REGULATOR FOR MUTE FUNCTION 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl