Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA15TFP Datasheet(PDF) 2 Page - Rohm

No. de pieza BA15TFP
Descripción Electrónicos  Low saturation voltage type 3-pin regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA15TFP Datasheet(HTML) 2 Page - Rohm

  BA15TFP Datasheet HTML 1Page - Rohm BA15TFP Datasheet HTML 2Page - Rohm BA15TFP Datasheet HTML 3Page - Rohm BA15TFP Datasheet HTML 4Page - Rohm BA15TFP Datasheet HTML 5Page - Rohm BA15TFP Datasheet HTML 6Page - Rohm BA15TFP Datasheet HTML 7Page - Rohm BA15TFP Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BAOOT / BAOOFP series
Regulator ICs
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
∗1 Reduced by 16mW for each increase in Ta of 1
°C over 25°C
∗3 Voltage application time : 200 msec. or less
∗2 Reduced by 8mW for each increase in Ta of 1
°C over 25°C
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
35
V
Power
dissipation
TO220FP
Pd
2000 ∗1
mW
TO252 - 3
1000 ∗2
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
Peak applied voltage
Vsurge
50 ∗3
V
-40~+85
-55~+150
!
!
!
!
Recommended operating conditions
BA03T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
4
-
25
V
Output current
Io
-
-
1
A
BA033T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
4.3
-
25
V
Output current
Io
-
-
1
A
BA05T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
6
-
25
V
Output current
Io
-
-
1
A
BA06T / FP (under development)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
7
-
25
V
Output current
Io
-
-
1
A
BA07T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
8
-
25
V
Output current
Io
-
-
1
A
BA08T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
9
-
25
V
Io
-
-
1
A
Output current
BA09T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
10-25
V
Output current
Io
-
-
1
A
BA10T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
11-25
V
Output current
Io
-
-
1
A
BA12T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
13-25
V
Output current
Io
-
-
1
A
BA15T / FP
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
16-25
V
Output current
Io
-
-
1
A


Número de pieza similar - BA15TFP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA15TFP ROHM-BA15TFP Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
More results

Descripción similar - BA15TFP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
ELM Electronics
ELM99XXXA ELM-ELM99XXXA Datasheet
313Kb / 19P
   LOW SATURATION VOLTAGE REGULATOR
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
logo
Mitsumi Electronics, Co...
MM1320 MITSUMI-MM1320 Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com