Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM385B-2.5 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

No. de pieza LM385B-2.5
Descripción Electrónicos  Micropower Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AIC [Analog Intergrations Corporation]
Página de inicio  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

LM385B-2.5 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  LM385B-2.5 Datasheet HTML 1Page - Analog Intergrations Corporation LM385B-2.5 Datasheet HTML 2Page - Analog Intergrations Corporation LM385B-2.5 Datasheet HTML 3Page - Analog Intergrations Corporation LM385B-2.5 Datasheet HTML 4Page - Analog Intergrations Corporation LM385B-2.5 Datasheet HTML 5Page - Analog Intergrations Corporation LM385B-2.5 Datasheet HTML 6Page - Analog Intergrations Corporation LM385B-2.5 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LM385-2.5/LM385B-2.5
Micropower Voltage Reference
Analog Integrations Corporation
4F, 9 Industry E. 9th Rd, Science-Based Industrial Park, Hsinchu, Taiwan
DS-385C-01 012102
TEL: 886-3-5772500
FAX: 886-3-5772510
w ww.analog.com.tw
1
n FEATURES
l
Operating Current from 20
µA to 20mA.
l
Low Temperature Coefficient.
l
1% and 2% Initial Tolerance.
l
Low Dynamic Impedance.
n APPLICATIONS
l
Portable, Battery-Powered Equipment.
l
Instrumentation.
l
Process Control.
l
Energy Management.
l
Product Testing.
l
Automotive.
l
Precision Audio Components.
n DESCRIPTION
The LM385-2.5 is a micropower 2-terminal band-
gap voltage reference, which can operate in
a
20
µA to 20mA current range, they feature excep-
tionally low dynamic impedance and good tem-
perature stability. On-chip trimming is used to
achieve tight voltage tolerance. Since the LM385-
2.5 bandgap reference uses only transistors and
resistors, low noise and good long-term stability
result.
Careful design of the LM385-2.5 has made the de-
vice exceptionally tolerant of capacitive loading,
making it easy to use in almost any reference ap-
plication. The wide dynamic operating range al-
lows for its use with widely varying supplies with
excellent regulation.
The extremely low power drain of the LM385-2.5
makes it useful for micropower circuitry. This volt-
age reference can be used to make portable me-
ters, regulators, or general purpose analog circui-
try with battery life approaching shelf life. Further,
the wide operating current allows it to replace
older references with a tighter tolerance.
n TYPICAL APPLICATION CIRCUIT
2.5V
+
RS
VIN
LM385-2.5
-
Precision 2.500V Voltage Reference


Número de pieza similar - LM385B-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results

Descripción similar - LM385B-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com