Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM385-2.5CUBG Datasheet(PDF) 5 Page - Analog Intergrations Corporation |
|
LM385-2.5CUBG Datasheet(HTML) 5 Page - Analog Intergrations Corporation |
5 / 7 page LM385-2.5/LM385B-2.5 5 n BLOCK DIAGRAM n SYMBOL - + - + 13 µA 2.5V - + n PIN DESCRIPTIONS PIN + - sinks current with a range from 20 µA to 20mA for normal applications. And a stable positive voltage, relative to Pin-, occurs on Pin+. PIN - - Pin- sources current for normal application. The current value is the same as Pin+. PIN NC - Not connected. n APPLICATION EXAMPLES + - 68K LM385-2.5 1.5V to 27V 150pF C1 30V 6 7 3 4 2 R1 R2 IOUT 68K LM385-2.5 -1.5V to -27V 150pF C1 -30V + - 6 7 3 4 2 R1 R2 IOUT I 2 5V R2 OUT = . I 2 5V R2 OUT = . Fig. 7 Precision 1 µA to 1mA Current Source |
Número de pieza similar - LM385-2.5CUBG |
|
Descripción similar - LM385-2.5CUBG |