Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HLMP-Q60X Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HLMP-Q60X Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 16 page 5 Electrical/Optical Characteristics, TA = 25 °C Standard Red Device HLMP- Parameter Symbol Min. Typ. Max. Units Test Conditions 6000-E00xx 0.63 1.2 6000-G00xx Luminous Intensity[1] IV 1.60 3.2 mcd IF = 10 mA P005-F00xx 1.0 2.5 Forward Voltage VF 1.4 1.6 2.0 V IF = 10 mA All Reverse Breakdown VR 5.0 12.0 V IR = 100 µA Voltage 6000 Included Angle Between 2q1/2 90 Deg. P005 Half Intensity Points[2] 125 Peak Wavelength lPEAK 655 nm Dominant Wavelength[3] ld 640 nm Spectral Line Half Width Dl1/2 24 nm All Speed of Response ts 15 ns Capacitance C 100 pF VF = 0; f = 1 MHz Thermal Resistance RqJ-PIN 170 °C/W Junction-to-Cathode Lead Luminous Efficacy[4] hv 65 lm/W |
Número de pieza similar - HLMP-Q60X |
|
Descripción similar - HLMP-Q60X |