Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD-700-LAF-GBB-XX.XXX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza CD-700-LAF-GBB-XX.XXX
Descripción Electrónicos  Complete VCXO Based Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

CD-700-LAF-GBB-XX.XXX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CD-700-LAF-GBB-XX.XXX Datasheet HTML 1Page - List of Unclassifed Manufacturers CD-700-LAF-GBB-XX.XXX Datasheet HTML 2Page - List of Unclassifed Manufacturers CD-700-LAF-GBB-XX.XXX Datasheet HTML 3Page - List of Unclassifed Manufacturers CD-700-LAF-GBB-XX.XXX Datasheet HTML 4Page - List of Unclassifed Manufacturers CD-700-LAF-GBB-XX.XXX Datasheet HTML 5Page - List of Unclassifed Manufacturers CD-700-LAF-GBB-XX.XXX Datasheet HTML 6Page - List of Unclassifed Manufacturers CD-700-LAF-GBB-XX.XXX Datasheet HTML 7Page - List of Unclassifed Manufacturers CD-700-LAF-GBB-XX.XXX Datasheet HTML 8Page - List of Unclassifed Manufacturers CD-700-LAF-GBB-XX.XXX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel:1-88-VECTRON-1
Website: www.vectron.com
Page 1 of 14
Rev : 06Jul05
CD-700
Complete VCXO Based Phase Lock Loop
Figure 1. CD-700 Block Diagram
Features
• 5 x 7.5 x 2 mm, smallest VCXO PLL available
• Output Frequencies to 77.76 MHz
• 5.0 or 3.3 Vdc operation
• Tri-State Output
• Loss of Signal Alarm
• VCXO with CMOS outputs
• 0/70 or –40/85 °C temperature range
Hermetically sealed ceramic SMD package
• Product is compliant to RoHS directive
Applications
• Frequency Translation
• Clock Smoothing, Clock Switching
• NRZ Clock recovery
• DSLAM, ADM, ATM, Aggregation, Optical
Switching/Routing, Base Station
Low jitter PLL’s
Description
The VI CD-700 is a user-configurable crystal
based PLL integrated circuit. It includes a digital
phase detector, op-amp, VCXO and additional
integrated functions for use in digital
synchronization applications. Loop filter software
is available as well SPICE models for circuit
simulation.
DATAIN
(5)
CLKIN
(6)
VDD
(14)
HIZ
(12)
GND
(7)
OUT2
(11)
RCLK
(9)
RDATA
(10)
OPP
(15)
LO
S
PHO
(3)
OPN
(2)
OPOUT
(1)
VC
(16)
LOSIN
(4)
OP-Amp
VCXO
OUT1
(13)
Optional
2
n Divider
Phase
Detector
and LOS


Número de pieza similar - CD-700-LAF-GBB-XX.XXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
CD-700-LAF-GBB-77.760 VECTRON-CD-700-LAF-GBB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

Descripción similar - CD-700-LAF-GBB-XX.XXX

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com