Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-6000-E0012 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

No. de pieza HLMP-6000-E0012
Descripción Electrónicos  Subminiature LED Lamps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-6000-E0012 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-6000-E0012 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-6000-E0012 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-6000-E0012 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-6000-E0012 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-6000-E0012 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-6000-E0012 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-6000-E0012 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-6000-E0012 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-6000-E0012 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings at TA = 25
°C
DH AS
High
Standard
AlGaAs
Eff.
High Perf.
Emerald
Parameter
Red
Red
Red
Orange
Yellow
Green
Green
Units
DC Forward Current[1]
50
30
30
30
20
30
30
mA
Peak Forward Current[2]
1000
300
90
90
60
90
90
mA
DC Forward Voltage
6
6
6
6
V
(Resistor Lamps Only)
Reverse Voltage (IR = 100 µA)
5
5
5
5
5
5
5
V
Transient Forward Current[3]
2000
500
500
500
500
500
500
mA
(10
µs Pulse)
Operating Temperature Range:
Non-Resistor Lamps
-55 to +100
-40 to +100
55 to +100
-40 to +100
-20 to +100 °C
Resistor Lamps
-40 to +85
-20 to +85
Storage Temperature Range
-55 to +100
°C
For Thru Hole Devices
260
°C for 5 seconds
Wave Soldering Temperature
[1.6 mm (0.063 in.) from body]
For Surface Mount Devices:
260
°C for 20 seconds
Reflow Soldering Temperature
Notes:
1. See Figure 5 for current derating vs. ambient temperature. Derating is not applicable to resistor lamps.
2. Refer to Figure 6 showing Max. Tolerable Peak Current vs. Pulse Duration to establish pulsed operating conditions.
3. The transient peak current is the maximum non-recurring peak current the device can withstand without failure. Do not operate these lamps at this
high current.


Número de pieza similar - HLMP-6000-E0012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6000 AVAGO-HLMP-6000 Datasheet
240Kb / 16P
   Subminiature LED Lamps nondiff used dome for high brightness
logo
Broadcom Corporation.
HLMP-6000 BOARDCOM-HLMP-6000 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
More results

Descripción similar - HLMP-6000-E0012

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com