Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5233BRU50-REEL7 Datasheet(PDF) 3 Page - Analog Devices |
|
AD5233BRU50-REEL7 Datasheet(HTML) 3 Page - Analog Devices |
3 / 14 page PRELIMINARY TECHNICAL DATA AD5231/AD5232/AD5233 - SPECIFICATIONS REV PrF 3 22 MAR '01 Information contained in this Preliminary data sheet describes a product in the early definition stage. There is no guarantee that the information contained here will become a final product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa Clara, CA. TEL(408)382-3107; FAX (408)382-2708; walt.heinzer@analog.com ELECTRICAL CHARACTERISTICS 10K, 50K, 100K OHM VERSIONS (V DD = +3V±10% to +5V±10% and VSS=0V, V A = +VDD, VB = 0V, -40°C < TA < +85°C unless otherwise noted.) Parameter Symbol Conditions Min Typ 1 Max Units INTERFACE TIMING CHARACTERISTICS applies to all parts(Notes 5, 9) Clock Cycle Time t 1 20 ns Input Clock Pulse Width t 2 , t 3 Clock level high or low 10 ns CS Setup Time t 4 10 ns Data Setup Time t 5 From Positive CLK transition 5 ns Data Hold Time t 6 From Positive CLK transition 5 ns CLK Shutdown Time t 7 0 ns CS Rise to Clock Rise Setup t 8 10 ns CS High Pulse Width t 9 10 ns CLK to SDO Propagation Delay10 t 10 RP = 1KΩ, CL < 20pF 1 25 ns Store to Nonvolatile EEMEM Save Time11 t 12 Applies to Command 2H, 3H, 9H 25 ms CS to SDO - SPI line acquire t13 ns CS to SDO - SPI line release t14 ns RDY Rise to CS Fall t15 ns Startup Time t16 ms CLK Setup Time t17 For 1 CLK period (t4 - t3 = 1 CLK period) ns Preset Pulse Width (Asynchronous) tPR 50 ns Preset Response Time tPRESP PR pulsed low then high 70 us NOTES: 1. Typicals represent average readings at +25°C and VDD = +5V. 2. Resistor position nonlinearity error R-INL is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper positions. R-DNL measures the relative step change from ideal between successive tap positions. Parts are guaranteed monotonic. IW = VDD/R for both VDD=+3V or VDD=+5V. 3. INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD and VB = VSS. DNL specification limits of ±1LSB maximum are Guaranteed Monotonic operating conditions. 4. Resistor terminals A, B, W have no limitations on polarity with respect to each other. 5. Guaranteed by design and not subject to production test. 6. Common mode leakage current is a measure of the DC leakage from any terminal A, B, W to a common mode bias level of VDD / 2. 7. PDISS is calculated from (IDD x VDD) + (ISS X VSS). 8. All dynamic characteristics use VDD = +5V. 9. See timing diagram for location of measured values. All input control voltages are specified with tR=tF=2.5ns(10% to 90% of 3V) and timed from a voltage level of 1.5V. Switching characteristics are measured using both VDD = +3V or +5V. 10. Propagation delay depends on value of VDD, RPULL_UP, and CL see applications text. 11. Low only for instruction commands 8, 9,10, 2, 3: CMD_8 ~ 1ms; CMD_9,10 ~0.12ms; CMD_2,3 ~20ms 12. Dual Supply Operation primarily affects the POT terminals. 13. Read Mode current is not continuous. Timing Diagram t 2 t 3 MS B L S B MS B L S B CL K CS SD I SD O 1 t 1 t 4 t 5 t 6 t 7 t 9 t 14 t 10 RDY t 12 t 17 MS B L S B SD O 2 t 13 t 15 t 16 SD O 1 CLK ID LES L O W SDO 2 CLK ID LES HIG H t 8 Figure 1. Timing Diagram |
Número de pieza similar - AD5233BRU50-REEL7 |
|
Descripción similar - AD5233BRU50-REEL7 |