Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRL2703S Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

No. de pieza IRL2703S
Descripción Electrónicos  1.5 A Switch-Mode Power Supply with Linear Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IRL2703S Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button IRL2703S Datasheet HTML 4Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 5Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 6Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 7Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 8Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 9Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 10Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 11Page - Freescale Semiconductor, Inc IRL2703S Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34701
STATIC ELECTRICAL CHARACTERISTICS
Error Amplifier (Buck Converter)
Input Impedance (10)
RIN
500
k
Output Impedance (10)
ROUT
150
DC Open Loop Gain (10)
AVOL
–80
dB
Gain Bandwidth Product (10)
GBW
–35
MHz
Slew Rate (10)
vSR
200
V/
µs
Output Voltage – High Level
VIN1 > 3.3 V, IOEA = -1.0 mA (10), (11)
VEA_OH
–2.0
V
Output Voltage – Low Level
IOEA = -1.0 mA (10), (11)
VEA_OL
–0.4
V
Oscillator Ramp (10)
VSCRamp
–0.5
V
Oscillator
CLKSYN Terminal (open) Low Level Output Voltage
IOL = +1.0 mA (12)
VOSC_OL
––
0.4
V
CLKSYN Terminal (open) High Level Output Voltage
IOH = -1.0 mA (13)
VOSC_OH
VDDI
- 0.4 V
V
CLKSYN Terminal (grounded) Input Voltage Threshold
VOSC_IH
1.2–2.0
V
CLKSYN Terminal Pullup Resistance
RPU
60
240
k
Frequency Adjusting Reference Voltage
VFREQ
–1.26–
V
Boost Regulator
Regulator Output Voltage
IBST = 20 mA, VIN1 = V
IN2 = 2.8 V to 6.0 V
VBST
7.3
7.7
8.3
V
Power MOSFET Q5 RDS(ON)(10)
IBD = 500 mA, TA = 25°C
RDS(ON)Q5
650
1000
m
Regulator Recommended Output Capacitor
CBST
–10
µF
Regulator Recommended Output Capacitor Maximum ESR
ESRCBST
100
m
Notes
10.
Design information only. This parameter is not production tested.
11.
IOEA Refers to Error Amplifier Output Current.
12.
IOL Refers to I/O Low Level
13.
IOH Refers to I/O High Level
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions -40°C TA 85°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3 V using
the typical application circuit (see Figure 33) unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Número de pieza similar - IRL2703S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRL2703S IRF-IRL2703S Datasheet
134Kb / 9P
   HEXFET Power MOSFET
IRL2703SPBF IRF-IRL2703SPBF Datasheet
1Mb / 10P
   HEXFET짰 Power MOSFET
More results

Descripción similar - IRL2703S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
ON Semiconductor
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
logo
Freescale Semiconductor...
MC34703 FREESCALE-MC34703 Datasheet
1Mb / 46P
   10A Switch-Mode Power Supply with LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com