Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS71530 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS71530
Descripción Electrónicos  50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS71530 Datasheet(HTML) 5 Page - Texas Instruments

  TPS71530 Datasheet HTML 1Page - Texas Instruments TPS71530 Datasheet HTML 2Page - Texas Instruments TPS71530 Datasheet HTML 3Page - Texas Instruments TPS71530 Datasheet HTML 4Page - Texas Instruments TPS71530 Datasheet HTML 5Page - Texas Instruments TPS71530 Datasheet HTML 6Page - Texas Instruments TPS71530 Datasheet HTML 7Page - Texas Instruments TPS71530 Datasheet HTML 8Page - Texas Instruments TPS71530 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
3.290
3.295
3.300
3.305
3.310
3.315
3.320
0
10
20
30
40
50
IO − Output Current − mA
VIN = 4.3 V
COUT = 1 µF
TJ = 25°C
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Junction Temperature − °C
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
VIN = 4.3 V
COUT = 1 µF
IOUT = 50 mA
IOUT = 1 mA
2
2.5
3
3.5
4
4.5
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ − Junction Temperature − °C
VIN = 4.3 V
VOUT = 3.3 V
IOUT = 1 µF
100
1 k
10 k
100 k
f − Frequency − Hz
IOUT = 1 mA
IOUT = 50 mA
0
1
2
3
4
5
6
7
8
VIN = 4.3 V
VOUT = 3.3 V
COUT = 1 µF
f − Frequency − Hz
14
8
0
12
2
4
10
VIN = 4.3 V
VOUT = 3.3 V
COUT = 1 µF
TJ = 25°C
IOUT = 1 mA
100
1 M
10
1k
10k
100k
10 M
IOUT = 50 mA
6
16
18
0
100
200
300
400
500
600
0
10
20
30
40
50
TJ = 125°C
TJ = 25°C
TJ = −40°C
VIN = 3.2 V
COUT = 1 µF
IOUT − Output Current − mA
0
0.1
0.2
0.4
0.5
0.6
0.7
0.8
0.9
1
0
3
6
9
12
15
VIN − Input Voltage − V
IOUT = 50 mA
TJ = 25°C
TJ = −40°C
TJ = 125°C
0.3
TJ − Junction Temperature − °C
−40
5
−25
20 35
65
110 125
50
−10
80 95
VIN = 3.2 V
IOUT = 50 mA
IOUT = 10 mA
0
100
200
300
400
500
600
f − Frequency − Hz
0
80
50
10
70
20
30
60
VIN = 4.3 V
VOUT = 3.3 V
COUT = 10 µF
TJ = 25°C
IOUT = 1 mA
100
1 M
10
1k
10k
100k
10 M
IOUT = 50 mA
40
90
100
TPS715xx
SLVS338L – MAY 2001 – REVISED SEPTEMBER 2005
OUTPUT VOLTAGE
OUTPUT VOLTAGE
QUIESCENT CURRENT
vs
vs
vs
OUTPUT CURRENT
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
OUTPUT SPECTRAL
OUTPUT IMPEDANCE
DROPOUT VOLTAGE
NOISE DENSITY
vs
vs
vs
FREQUENCY
OUTPUT CURRENT
FREQUENCY
Figure 4.
Figure 5.
Figure 6.
TPS71501
DROPOUT VOLTAGE
POWER-SUPPLY
DROPOUT VOLTAGE
vs
RIPPLE REJECTION
vs
JUNCTION TEMPERATURE
vs
INPUT VOLTAGE
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
5


Número de pieza similar - TPS71530

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS71530 TI-TPS71530 Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71530 TI-TPS71530 Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71530 TI1-TPS71530 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
TPS71530-DIE TI1-TPS71530-DIE Datasheet
72Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
TPS71530-Q1 TI-TPS71530-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
More results

Descripción similar - TPS71530

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501 TI-TPS71501 Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com