Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS715345 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS715345
Descripción Electrónicos  50 mA, 24 V, 3.2 uA Supply Current Low-Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS715345 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS715345 Datasheet HTML 3Page - Texas Instruments TPS715345 Datasheet HTML 4Page - Texas Instruments TPS715345 Datasheet HTML 5Page - Texas Instruments TPS715345 Datasheet HTML 6Page - Texas Instruments TPS715345 Datasheet HTML 7Page - Texas Instruments TPS715345 Datasheet HTML 8Page - Texas Instruments TPS715345 Datasheet HTML 9Page - Texas Instruments TPS715345 Datasheet HTML 10Page - Texas Instruments TPS715345 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.ti.com
APPLICATION INFORMATION
TPS71533
IN
OUT
V
IN
V
OUT
C1
0.1
µF
0.47
µF
GND
External Capacitor Requirements
Power Dissipation and Junction Temperature
P
D(max) +
T
J
max * TA
R
q
JA
(1)
P
D
+ VIN*VOUT
I
OUT
(2)
Regulator Protection
TPS715xx
SLVS338L – MAY 2001 – REVISED SEPTEMBER 2005
The TPS715xx family of LDO regulators has been optimized for ultra-low power applications such as the
MSP430 microcontroller. Its ultra-low supply current maximizes efficiency at light loads, and its high input voltage
range makes it suitable for supplies such as unconditioned solar panels.
Figure 13. Typical Application Circuit (Fixed Voltage Version)
Although not required, a 0.047-µF or larger input bypass capacitor, connected between IN and GND and located
close to the device, is recommended to improve transient response and noise rejection of the power supply as a
whole. A higher-value input capacitor may be necessary if large, fast-rise-time load transients are anticipated and
the device is located several inches from the power source.
The TPS715xx requires an output capacitor connected between OUT and GND to stabilize the internal control
loop. Any capacitor (including ceramic and tantalum)
≥ 0.47 µF properly stabilizes this loop. X7R type capacitors
are recommended but X5R and others may be used.
To ensure reliable operation, worst-case junction temperature should not exceed 125°C. This restriction limits the
power dissipation the regulator can handle in any given application. To ensure the junction temperature is within
acceptable limits, calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which
must be less than or equal to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
where:
TJmax is the maximum allowable junction temperature.
RθJA is the thermal resistance junction-to-ambient for the package (see the Dissipation Ratings table).
TA is the ambient temperature.
The regulator dissipation is calculated using:
For a higher power package version of the TPS715xx, see the TPS715Axx.
The TPS715xx PMOS-pass transistor has a built-in back diode that conducts reverse current when the input
voltage drops below the output voltage (e.g., during power down). Current is conducted from the output to the
input and is not internally limited. If extended reverse voltage operation is anticipated, external limiting might be
appropriate.
The TPS715xx features internal current limiting. During normal operation, the TPS715xx limits output current to
approximately 500 mA. When current limiting engages, the output voltage scales back linearly until the
overcurrent condition ends. Take care not to exceed the power dissipation ratings of the package.
7


Número de pieza similar - TPS715345

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS715345 TI-TPS715345 Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715345 TI1-TPS715345 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
TPS715345DCKR TI-TPS715345DCKR Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715345DCKR TI1-TPS715345DCKR Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
TPS715345DCKR TI1-TPS715345DCKR Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
More results

Descripción similar - TPS715345

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS715 TI1-TPS715_17 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS715XX TI-TPS715XX Datasheet
373Kb / 14P
[Old version datasheet]   50 mA, 24 V, 3.2 mA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715 TI1-TPS715_V03 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715 TI-TPS715_V01 Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715 TI-TPS715_V02 Datasheet
3Mb / 30P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
TPS715 TI-TPS715_15 Datasheet
921Kb / 21P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-關A Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS71501 TI-TPS71501 Datasheet
229Kb / 11P
[Old version datasheet]   50 mA, 24 V, 3.2U Supply Current Low-Dropout Linear Regulator in SC70 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com