Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC0834 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADC0834
Descripción Electrónicos  A/D PERIPHERALS WITH SERIAL CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

ADC0834 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC0834 Datasheet HTML 3Page - Texas Instruments ADC0834 Datasheet HTML 4Page - Texas Instruments ADC0834 Datasheet HTML 5Page - Texas Instruments ADC0834 Datasheet HTML 6Page - Texas Instruments ADC0834 Datasheet HTML 7Page - Texas Instruments ADC0834 Datasheet HTML 8Page - Texas Instruments ADC0834 Datasheet HTML 9Page - Texas Instruments ADC0834 Datasheet HTML 10Page - Texas Instruments ADC0834 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IOZ
ADC0834A, ADC0838A, ADC0834B, ADC0838B
A/D PERIPHERALS WITH SERIAL CONTROL
SLAS007 – AUGUST 1985 – REVISED OCTOBER 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
7
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
6.3
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
fclock
Clock frequency
10
400
kHz
Clock duty cycle (see Note 3)
40
60
%
twH(CS) Pulse duration, CS high
220
ns
tsu
Setup time, CS low, SE low, or data valid before clock
350
ns
th
Hold time, data valid after clock
90
ns
TA
Operating free-air temperature
AC and BC suffixes
0
70
°C
TA
O erating free-air tem erature
AI and BI suffixes
–40
85
°C
NOTE 3: The clock duty cycle range ensures proper operation at all clock frequencies. If a clock frequency is used outside the recommended
duty cycle range, the minimum pulse duration (high or low) is 1
µs.
electrical
characteristics
over
recommended
range
of
operating
free-air
temperature,
VCC = V+ = 5 V, fclock = 250 kHz (unless otherwise noted)
digital section
PARAMETER
TEST CONDITIONS†
AC, BC SUFFIX
AI, BI SUFFIX
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VOH
High levl output voltage
VCC = 4.75 V,
IOH = – 360 µA
2.8
2.4
V
VOH
High-levl output voltage
VCC = 4.75 V,
IOH = – 10 µA
4.6
4.5
V
VOL
Low-levl output voltage
VCC = 5.25 V,
IOH = 1.6 mA
0.34
0.4
V
IIH
High-level input current
VIH = 5 V
0.005
1
0.005
1
µA
IIL
Low-level input current
VIL = 0
– 0.005
–1
– 0.005
–1
µA
IOH
High-level output (source) current
VOH = 0,
TA = 25°C
– 6.5
–14
– 6.5
–14
mA
IOL
Low-level output (sink) current
VOL = VCC,TA = 25°C
8
16
8
16
mA
High-impedance-state output
VO = 5 V,
TA = 25°C
0.01
3
0.01
3
µA
g
current (DO or SARS)
VO = 0,
TA = 25°C
– 0.01
–3
– 0.01
–3
µA
Ci
Input capacitance
5
pF
Co
Output capacitance
5
pF
† All parameters are measured under open-loop conditions with zero common-mode input voltage (unless otherwise specified).
‡ All typical values are at VCC = V+ = 5 V, TA = 25°C.


Número de pieza similar - ADC0834

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
ADC0834 NSC-ADC0834 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0834 TI1-ADC0834 Datasheet
797Kb / 35P
[Old version datasheet]   ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0834-N TI1-ADC0834-N Datasheet
2Mb / 41P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0834BCJ NSC-ADC0834BCJ Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ADC0834BCN MICRO-LINEAR-ADC0834BCN Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
More results

Descripción similar - ADC0834

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC0831B TI-ADC0831B Datasheet
151Kb / 9P
[Old version datasheet]   A/D PERIPHERALS WITH SERIAL CONTROL
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
   D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
logo
Motorola, Inc
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Rohm
BD8105FV ROHM-BD8105FV Datasheet
331Kb / 6P
   A serial control LED driver for car
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com