Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

G6B Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de Pieza. G6B
Descripción  Sub-miniature Relay that Switches up to 5 A
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

G6B Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
67
PCB Power Relay – G6B
Approved Standards
UL508 (File No. E41643)/CSA C22.2 No.14 (File No. LR31928)
EN 61810-1 (VDE Reg No. 5361)/Connector EN 61984 (VDE Reg No. 125603)
Model
Contact form
Coil ratings
Contact ratings
G6B-1114P-US
SPST-NO
3 to 24 VDC
5 A, 250 VAC (general use)
G6B-1114C-US
5 A, 30 VDC (resistive load)
G6BU-1114P-US
G6BU-1114C-US
G6BK-1114P-US
G6BK-1114C-US
G6B-1174P-US
8 A, 250 VAC (general use)
G6B-1174C-US
8 A, 30 VDC (resistive load)
G6B-2114P-US
SPST-NO + SPST-NC
5 A, 250 VAC (general use)
G6B-2114C-US
DPST-NO
5 A, 30 VDC (resistive load)
G6B-2214P-US
DPST-NC
G6B-2214C-US
G6B-2014P-US
G6B-2014C-US
Engineering Data
G6B-1114P(C)-US
250 VAC/30 VDC
inductive load
(cosφ = 0.4, L/R = 7 ms)
G6B-1174P(C)-US
250 VAC/30 VDC
resistive load
G6B-1114P(C)-US
250 VAC/30 VDC resistive load
G6B-1114P-US
Maximum Switching Power
Switching voltage (V)
Endurance
Ambient Temperature vs.
Maximum Coil Voltage
G6B-2114P-US, G6B-2214P-US
G6B-2014P-US
Maximum Switching Power
Endurance
Switching current (A)
Ambient temperature (°C)
Switching voltage (V)
Switching current (A)
AC resistive load
AC inductive load
(cosφ = 0.4)
DC inductive load
(L/R = 7 ms)
DC resistive load
AC inductive load
(cosφ = 0.4)
AC resistive
load
DC resistive load
DC inductive load
(L/R = 7 ms)
G6B-2114P-US
G6B-2214P-US
G6B-2014P-US
G6B-1174P-US
G6B-1114P-US
250 VAC inductive load (cosφ = 0.4)
30 VDC inductive load (L/R = 7 ms)
250 VAC resistive load
30 VDC resistive load
Note: The maximum coil voltage refers to the maxi-
mum value in a varying range of operating
power voltage, not a continuous voltage.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn