Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

G6B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de Pieza. G6B
Descripción  Sub-miniature Relay that Switches up to 5 A
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

G6B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
68
PCB Power Relay – G6B
Dimensions
Note: 1. All units are in millimeters unless otherwise indicated.
2. Orientation marks are indicated as follows:
Terminal Arrangement/Internal
Connections (Bottom View)
Mounting Holes
(Bottom View)
G6B-1114P-US
G6BU-1114P-US
G6BU-1114P, -1114C
G6B-1114P, -1114C
G6BU-1114P, -1114C
G6B-1114C-US
G6BU-1114C-US
10 max.
(9.8)*
0.3
3.5
0.5
20 max.
0.8
0.4
10 max.
G6B-1114P, -1114C
0.3
3.5
0.8
0.4
3.2
7.62
10.16
7.62
(1.1)
(1.2)
Four, 1.1-dia. holes
6
1
34
-
+
6
1
34
-
+
S R
+
-
(19.9)*
*Average value
(9.9)*
10 max.
(9.9)*
10 max.
(9.8)*
*Average value
G6BK-1114P-US
G6BK-1114P, -1114C
G6BK-1114P, -1114C
G6BK-1114C-US
0.3
3.5
0.8
0.4
0.3
3.5
0.8
0.4
3.2
Terminal Arrangement/Internal
Connections (Bottom View)
Mounting Holes
(Bottom View)
7.62
7.62
2.54
7.62
(1.1)
(1.2)
Six, 1.1-dia. holes
6
1
34
-
+
S
7
2 -
+
R
10 max.
(9.8)*
10 max.
(9.8)*
10 max.
(9.9)*
10 max.
(9.9)*
*Average value
*Average value
Terminal Arrangement/Internal
Connections (Bottom View)
G6B-1174P-US
G6B-1174C-US
*Average value
*Average value
Mounting Holes
(Bottom View)
G6B-1174P, -1174C
7.62
10.16
7.62
(1.1)
(1.2)
Four, 1.1-dia. holes
12.5 max.
(12.45)*
12.5 max.
(12.45)*
0.65
0.65
3.5
3.2
0.45
0.45
20.2 max.
(20.0)*
20.2 max.
(20.0)*
10 max.
(9.9)*
10 max.
(9.9)*
0.4
0.4
0.8
0.8
3.5


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn