Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC2274AIPWRG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TLC2274AIPWRG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 64 page TLC227x, TLC227xA Advanced LinCMOS RAILTORAIL OPERATIONAL AMPLIFIERS SLOS190G − FEBRUARY 1997 − REVISED MAY 2004 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Output Swing Includes Both Supply Rails D Low Noise ...9 nV/√Hz Typ at f = 1 kHz D Low Input Bias Current ...1 pA Typ D Fully Specified for Both Single-Supply and Split-Supply Operation D Common-Mode Input Voltage Range Includes Negative Rail D High-Gain Bandwidth . . . 2.2 MHz Typ D High Slew Rate . . . 3.6 V/µs Typ D Low Input Offset Voltage 950 µV Max at TA = 25°C D Macromodel Included D Performance Upgrades for the TS272, TS274, TLC272, and TLC274 D Available in Q-Temp Automotive HighRel Automotive Applications Configuration Control / Print Support Qualification to Automotive Standards description The TLC2272 and TLC2274 are dual and quadruple operational amplifiers from Texas Instruments. Both devices exhibit rail-to-rail output performance for increased dynamic range in single- or split-supply applications. The TLC227x family offers 2 MHz of bandwidth and 3 V/ µs of slew rate for higher speed applications. These devices offer comparable ac performance while having better noise, input offset voltage, and power dissipation than existing CMOS operational amplifiers. The TLC227x has a noise voltage of 9 nV/ √Hz, two times lower than competitive solutions. The TLC227x, exhibiting high input impedance and low noise, is excellent for small-signal conditioning for high-impedance sources, such as piezoelectric transducers. Because of the micro- power dissipation levels, these devices work well in hand-held monitoring and remote-sensing applications. In addition, the rail-to-rail output feature, with single- or split-supplies, makes this family a great choice when interfacing with analog-to-digital converters (ADCs). For precision applications, the TLC227xA family is available with a maximum input offset voltage of 950 µV. This family is fully characterized at 5 V and ±5 V. The TLC2272/4 also makes great upgrades to the TLC272/4 or TS272/4 in standard designs. They offer increased output dynamic range, lower noise voltage, and lower input offset voltage. This enhanced feature set allows them to be used in a wider range of applications. For applications that require higher output drive and wider input voltage range, see the TLV2432 and TLV2442 devices. If the design requires single amplifiers, see the TLV2211/21/31 family. These devices are single rail-to-rail operational amplifiers in the SOT-23 package. Their small size and low power consumption, make them ideal for high density, battery-powered equipment. Copyright 2004, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Advanced LinCMOS is a trademark of Texas Instruments. |VDD ±| − Supply Voltage − V 10 8 6 4 46 8 12 14 16 10 12 14 16 MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE vs SUPPLY VOLTAGE TA = 25°C IO = ± 50 µA IO = ± 500 µA On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Número de pieza similar - TLC2274AIPWRG4 |
|
Descripción similar - TLC2274AIPWRG4 |