Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


CAT25C09V-TE13 Datasheet(Hoja de datos) 11 Page - Catalyst Semiconductor

No. de Pieza. CAT25C09V-TE13
Descripción  1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo 

 
 11 page
background image
11
CAT25C11/03/05/09/17
Doc. No. 1017, Rev. J
Notes:
(1) The device used in the above example is a 25C17SI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 6 Volt Operating Voltage,
Tape & Reel)
(2) CAT25C11 and CAT25C03 only.
ORDERING INFORMATION
Prefix
Device #
Suffix
25C17
S
I
TE13
Product
Number
25C17:16K
25C09: 8K
25C05: 4K
25C03: 2K
Tape & Reel
TE13: 2000/Reel
Operating Voltage
Blank (V
cc=2.5 to 6.0V)
1.8 (V
cc=1.8 to 6.0V)
-1.8
CAT
Temperature Range
Blank = Commercial (0
°C to +70°C)
I = Industrial (-40
°C to +85°C)
A = Automotive (-40
°C to +105°C)
Optional
Company ID
25C11: 1K
E = Extended (-40
°C to +125°C)
Package
P = 8-pin PDIP
R = 8-pin MSOP2
S = 8-pin SOIC
U = 8-pin TSSOP
U14 = 14-pin TSSOP
L = PDIP (Lead free, Halogen free)
V = SOIC, JEDEC (Lead free, Halogen free)
Y = TSSOP (Lead free, Halogen free)
Z = MSOP2 (Lead free, Halogen free)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
AK6512CASPI bus 64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
CAT25C6532K/64K-Bit SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
AK6514CSPI bus 64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
AK6516CSPI bus 256Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
NM25C0202K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C0404K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C16016K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C64064K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
CAT250101K/2K/4K SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
AK6510CSPI bus 32K/64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl