Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

A7122 Datasheet(PDF) 11 Page - AIT Components Ltd.

No. de Pieza. A7122
Descripción  DC-DC CONVERTER BUCK SYNCHRONOUS BUCK CONVERTER
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AITCOMPONENTS [AIT Components Ltd.]
Página de inicio  http://aitcomponents.com
Logo 

A7122 Datasheet(HTML) 11 Page - AIT Components Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7122
DC-DC CONVERTER BUCK (STEP-DOWN)
2A 3MHz 6V SYNCHRONOUS BUCK CONVERTER
REV1.1
- JUL 2012 RELEASED, DEC 2014 UPDATED -
- 11 -
PACKAGE INFORMATION
Dimension in DFN8(2x2) (Unit: mm)
Symbol
Min
Max
A
0.700
0.800
A1
0.000
0.050
A3
0.180
0.250
D
1.900
2.100
E
1.900
2.100
D1
1.500
1.700
E1
1.000
1.200
k
0.200MIN.
b
0.180
0.300
e
0.500(BSC)
L
0.200
0.300


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn