Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

A7122 Datasheet(PDF) 12 Page - AIT Components Ltd.

No. de Pieza. A7122
Descripción  DC-DC CONVERTER BUCK SYNCHRONOUS BUCK CONVERTER
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AITCOMPONENTS [AIT Components Ltd.]
Página de inicio  http://aitcomponents.com
Logo 

A7122 Datasheet(HTML) 12 Page - AIT Components Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7122
DC-DC CONVERTER BUCK (STEP-DOWN)
2A 3MHz 6V SYNCHRONOUS BUCK CONVERTER
REV1.1
- JUL 2012 RELEASED, DEC 2014 UPDATED -
- 12 -
Dimension in SOT-25 (Unit: mm)
Symbol
Min
Max
A
1.000
1.300
A1
0.000
0.400
A2
0.700
0.900
b
0.300
0.500
c
0.100
0.250
D
2.700
3.100
E
1.500
1.800
E1
2.500
3.100
e
0.950(BSC)
e1
1.700
2.100
L
0.200MIN.
θ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn