Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

A7122 Datasheet(PDF) 3 Page - AIT Components Ltd.

No. de Pieza. A7122
Descripción  DC-DC CONVERTER BUCK SYNCHRONOUS BUCK CONVERTER
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AITCOMPONENTS [AIT Components Ltd.]
Página de inicio  http://aitcomponents.com
Logo 

A7122 Datasheet(HTML) 3 Page - AIT Components Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7122
DC-DC CONVERTER BUCK (STEP-DOWN)
2A 3MHz 6V SYNCHRONOUS BUCK CONVERTER
REV1.1
- JUL 2012 RELEASED, DEC 2014 UPDATED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
Max Input Voltage
6V
TJ, Max Operating Junction Temperature
125
°C
TA, Ambient Temperature
-20
°C to 85°C
θJC, Package Thermal Resistance
DFN8(2X2)
25
°C/W
Power Dissipation
SOT-25
250mW
TS, Storage Temperature
-40
°C to 150°C
Lead Temperature & Time
260
°C, 10S
HBM, ESD
>2000V
Stress beyond above listed Absolute Maximum Ratings may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Input Voltage Range
Max. 6V
TJ, Operating Junction Temperature
-
20°C to 125°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn