Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

A7122 Datasheet(PDF) 8 Page - AIT Components Ltd.

No. de Pieza. A7122
Descripción  DC-DC CONVERTER BUCK SYNCHRONOUS BUCK CONVERTER
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AITCOMPONENTS [AIT Components Ltd.]
Página de inicio  http://aitcomponents.com
Logo 

A7122 Datasheet(HTML) 8 Page - AIT Components Ltd.

Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
A7122
DC-DC CONVERTER BUCK (STEP-DOWN)
2A 3MHz 6V SYNCHRONOUS BUCK CONVERTER
REV1.1
- JUL 2012 RELEASED, DEC 2014 UPDATED -
- 8 -
DETAILED INFORMATION
Functional Descriptions
The A7122 high efficiency switching regulator is a small, simple, DC-to-DC step-down converter capable of
delivering up to 2A of output current. The device operates in pulse-width modulation (PWM) at 3MHz from a
2.6V to 5.5V input voltage and provides an output voltage from 0.6V to VIN, making the A7122 ideal for
on-board post-regulation applications. An internal synchronous rectifier improves efficiency and eliminates the
typical Schottky free-wheeling diode. Using the on resistance of the internal high-side MOSFET to sense
switching currents eliminates current-sense resistors, further improving efficiency and cost.
Loop Operation
A7122 uses a PWM current-mode control scheme. An open-loop comparator compares the integrated
voltage-feedback signal against the sum of the amplified current-sense signal and the slope compensation
ramp. At each rising edge of the internal clock, the internal high-side MOSFET turns on until the PWM
comparator terminates the on cycle. During this on-time, current ramps up through the inductor, sourcing
current to the output and storing energy in the inductor. The current mode feedback system regulates the
peak inductor current as a function of the output voltage error signal. During the off cycle, the internal
high-side P-channel MOSFET turns off, and the internal low-side N-channel MOSFET turns on. The inductor
releases the stored energy as its current ramps down while still providing current to the output.
Current Sense
An internal current-sense amplifier senses the current through the high-side MOSFET during on time and
produces a proportional current signal, which is used to sum with the slope compensation signal. The
summed signal then is compared with the error amplifier output by the PWM comparator to terminate the on
cycle.
Current Limit
There is a cycle-by-cycle current limit on the high-side MOSFET. When the current flowing out of SW exceeds
this limit, the high-side MOSFET turns off and the synchronous rectifier turns on. A7122 utilizes a frequency
fold-back mode to prevent overheating during short-circuit output conditions. The device enters frequency
fold-back mode when the FB voltage drops below 200mV, limiting the current to IPEAK and reducing power
dissipation. Normal operation resumes upon removal of the short-circuit condition.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn