Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


CAT25C09SA-TE13 Datasheet(Hoja de datos) 9 Page - Catalyst Semiconductor

No. de Pieza. CAT25C09SA-TE13
Descripción  1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo 

 
 9 page
background image
9
CAT25C11/03/05/09/17
Doc. No. 1017, Rev. J
Figure 7. WRSR Instruction Timing
DESIGN CONSIDERATIONS
The CAT25C11/03/05/09/17 powers up in a write dis-
able state and in a low power standby mode. A WREN
instruction must be issued to perform any writes to the
device after power up. Also,on power up
CS should be
brought low to enter a ready state and receive an
instruction. After a successful byte/page write or status
register write the CAT25C11/03/05/09/17 goes into a
write disable mode.
CS must be set high after the proper
number of clock cycles to start an internal write cycle.
Access to the array during an internal write cycle is
ignored and programming is continued. On power up,
SO is in a high impedance. If an invalid op code is
Figure 8. Page Write Instruction Timing
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
MSB
HIGH IMPEDANCE
DATA IN
15
SO
CS
7
6
5
4
3
2
10
00
0
00
0
0
1
OPCODE
Note: Dashed Line= mode (1, 1) – –––
Note: Dashed Line= mode (1, 1) – – – –
received, no data will be shifted into the CAT25C11/03/
05/09/17, and the serial output pin (SO) will remain in a
high impedance state until the falling edge of
CS is
detected again.
When powering down, the supply should be taken down
to 0V, so that the CAT25C11/03/05/09/17 will be reset
when power is ramped back up. If this is not possible,
then, following a brown-out episode, the CAT25C11/
03/05/09/17 can be reset by refreshing the contents of
the Status Register (See Application Note AN10).
SK
SI
SO
00
00
X*
0
1
0
Data
Byte 1
012345678
21
22
23 24-31
32-39
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS*
*Please check the Byte Address Table.
AN
A0
*X = 0 for CAT25C11, CAT25C03, CAT25C09 and CAT25C17; X = A8 for CAT25C05




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
AK6512CASPI bus 64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
CAT25C6532K/64K-Bit SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
AK6514CSPI bus 64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
AK6516CSPI bus 256Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems
NM25C0202K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C0404K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C16016K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
NM25C64064K-Bit Serial CMOS EEPROM Serial Peripheral Interface SPI Synchronous Bus 1 2 3 4 5 MoreFairchild Semiconductor
CAT250101K/2K/4K SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
AK6510CSPI bus 32K/64Kbit Serial CMOS EEPROM 1 2 3 4 5 MoreAsahi Kasei Microsystems

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl