Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ602-S Datasheet(PDF) 5 Page - NEC

No. de pieza 2SJ602-S
Descripción Electrónicos  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SJ602-S Datasheet(HTML) 5 Page - NEC

  2SJ602-S Datasheet HTML 1Page - NEC 2SJ602-S Datasheet HTML 2Page - NEC 2SJ602-S Datasheet HTML 3Page - NEC 2SJ602-S Datasheet HTML 4Page - NEC 2SJ602-S Datasheet HTML 5Page - NEC 2SJ602-S Datasheet HTML 6Page - NEC 2SJ602-S Datasheet HTML 7Page - NEC 2SJ602-S Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D14647EJ3V0DS
5
2SJ602
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
IF - Drain Current - A
di/dt = 100 A/ s
VGS = 0 V
1
0.1
10
1
10
100
1000
100
µ
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
010
515
20
25
30
–60
–50
–40
–30
–20
–10
0
VDS
VGS
ID = –20 A
–12
–10
–8
–6
–4
–2
0
VDD = –48 V
–30 V
–12 V
SWITCHING CHARACTERISTICS
ID - Drain Current - A
10
1
–1
–0.1
100
1000
–10
–100
tf
tr
td(on)
td(off)
VDD = –30 V
VGS = –10 V
RG = 0
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
100
1000
10000
–0.1
–1
–10
VGS = 0 V
f = 1 MHz
Coss
Crss
Ciss
–100
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
−50
0
50
100
150
ID = –10 A
160
120
80
40
0
Pulsed
–4.5 V
–10 V
VGS = –4.0 V
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
–1.0
0
–1.5
VSD - Source to Drain Voltage - V
–0.5
Pulsed
–0.01
–0.1
–1
–10
–100
VGS = –10 V
–4.0 V
0 V


Número de pieza similar - 2SJ602-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SJ602-S RENESAS-2SJ602-S Datasheet
217Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Descripción similar - 2SJ602-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com