Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-315J-XXXE Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

No. de pieza HCPL-315J-XXXE
Descripción Electrónicos  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-315J-XXXE Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-315J-XXXE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
Notes:
1. Derate linearly above 70
°C free-air
temperature at a rate of 0.3 mA/
°C.
2. Maximum pulse width = 10
µs,
maximum duty cycle = 0.2%. This
value is intended to allow for
component tolerances for designs
with IO peak minimum = 0.5 A. See
Applications section for additional
details on limiting IOH peak.
3. Derate linearly above 70
°C free-air
temperature at a rate of 4.8 mW/
°C.
4. Derate linearly above 70
°C free-air
temperature at a rate of 5.4 mW/
°C.
The maximum LED junction tempera-
ture should not exceed 125
°C.
5. Maximum pulse width = 50
µs,
maximum duty cycle = 0.5%.
6. In this test VOH is measured with a dc
load current. When driving capacitive
loads VOH will approach VCC as IOH
approaches zero amps.
7. Maximum pulse width = 1 ms,
maximum duty cycle = 20%.
8. In accordance with UL1577, each
HCPL-3150 optocoupler is proof
tested by applying an insulation test
voltage
≥ 4500 Vrms (≥ 5000 Vrms
for the HCPL-315J) for 1 second
(leakage detection current limit, II-O
≤ 5 µA). This test is performed
before the 100% production test for
partial discharge (method b) shown
in the IEC/EN/DIN EN 60747-5-2
Insulation Characteristics Table, if
applicable.
9. Device considered a two-terminal
device: pins on input side shorted
together and pins on output side
shorted together.
10. The difference between tPHL and tPLH
between any two parts or channels
under the same test condition.
11. Pins 1 and 4 (HCPL-3150) and pins 3
and 4 (HCPL-315J) need to be
connected to LED common.
12. Common mode transient immunity in
the high state is the maximum
tolerable |dVCM/dt| of the common
mode pulse, VCM, to assure that the
output will remain in the high state
(i.e., VO > 15.0 V).
13. Common mode transient immunity in
a low state is the maximum tolerable
|dVCM/dt| of the common mode
pulse, VCM, to assure that the output
will remain in a low state (i.e.,
VO < 1.0 V).
14. This load condition approximates the
gate load of a 1200 V/25 A IGBT.
15. Pulse Width Distortion (PWD) is
defined as |tPHL-tPLH| for any given
device.
16. Each channel.
17. Device considered a two terminal
device: Channel one output side pins
shorted together, and channel two
output side pins shorted together.
18. See the thermal model for the
HCPL-315J in the application
section of this data sheet.
Package Characteristics (each channel, unless otherwise specified)
Parameter
Symbol
Device
Min.
Typ.*
Max. Units
Test Conditions
Fig.
Note
Input-Output
VISO
HCPL-3150
3750
Vrms
RH < 50%,
8, 9
Momentary
t = 1 min.,
Withstand Voltage**
HCPL-315J
3750
TA = 25°C
Output-Output
VO-O
HCPL-315J
1500
Vrms
RH < 50%
17
Momentary
t = 1 min.,
Withstand Voltage**
TA = 25°C
Resistance
RI-O
1012
VI-O = 500 VDC
9
(Input - Output)
Capacitance
CI-O
HCPL-3150
0.6
pF
f = 1 MHz
(Input - Output)
HCPL-315J
1.3
LED-to-Case
θLC
HCPL-3150
391
°C/W
Thermocouple
28
18
Thermal Resistance
LED-to-Detector
θLD
HCPL-3150
439
°C/W
Thermal Resistance
Detector-to-Case
θDC
HCPL-3150
119
°C/W
Thermal Resistance
*All typical values at TA = 25°C and VCC - VEE = 30 V, unless otherwise noted.
**The Input-Output/Output-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-
output/output-output continuous voltage rating. For the continuous voltage rating refer to your equipment level safety specification or Agilent
Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage.”
located at center
underside of
package


Número de pieza similar - HCPL-315J-XXXE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
More results

Descripción similar - HCPL-315J-XXXE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com