Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP3188 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADP3188
Descripción Electrónicos  6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP3188 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3188 Datasheet HTML 7Page - Analog Devices ADP3188 Datasheet HTML 8Page - Analog Devices ADP3188 Datasheet HTML 9Page - Analog Devices ADP3188 Datasheet HTML 10Page - Analog Devices ADP3188 Datasheet HTML 11Page - Analog Devices ADP3188 Datasheet HTML 12Page - Analog Devices ADP3188 Datasheet HTML 13Page - Analog Devices ADP3188 Datasheet HTML 14Page - Analog Devices ADP3188 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADP3188
Rev. A | Page 11 of 28
Figure 8. Typical Start-Up Waveforms
Channel 1: PWRGD, Channel 2: CSREF,
Channel 3: DELAY, Channel 4: COMP
CURRENT-LIMIT, SHORT-CIRCUIT, AND
LATCH-OFF PROTECTION
The ADP3188 compares a programmable current-limit setpoint
to the voltage from the output of the current-sense amplifier.
The level of current limit is set with the resistor from the ILIMIT
pin to ground. During normal operation, the voltage on ILIMIT
is 3 V. The current through the external resistor is internally
scaled to give a current-limit threshold of 10.4 mV/µA. If the
difference in voltage between CSREF and CSCOMP rises above
the current-limit threshold, the internal current-limit ampli-
fier controls the internal COMP voltage to maintain the average
output current at the limit.
After the limit is reached, the 3 V pull-up on the DELAY pin is
disconnected, and the external delay capacitor is discharged
through the external resistor. A comparator monitors the DELAY
voltage and shuts off the controller when the voltage drops
below 1.8 V. The current-limit latch-off delay time is therefore
set by the RC time constant discharging from 3 V to 1.8 V.
The Application Information section discusses the selection of
CDLY and RDLY.
Because the controller continues to cycle the phases during the
latch-off delay time, if the short is removed before the 1.8 V
threshold is reached, the controller returns to normal operation.
The recovery characteristic depends on the state of PWRGD. If
the output voltage is within the PWRGD window, the controller
resumes normal operation. However, if a short circuit has
caused the output voltage to drop below the PWRGD thresh-
old, a soft-start cycle is initiated.
The latch-off function can be reset by either removing and
reapplying VCC to the ADP3188, or by pulling the EN pin
low for a short time. To disable the short-circuit latch-off
function, the external resistor to ground should be left open,
and a high value (>1 MΩ) resistor should be connected from
DELAY to VCC. This prevents the DELAY capacitor from
discharging, so the 1.8 V threshold is never reached. The resistor
has an impact on the soft-start time because the current through
it adds to the internal 20 µA current source.
During start-up when the output voltage is below 200 mV,
a secondary current limit is active. This is necessary because
the voltage swing of CSCOMP cannot go below ground.
This secondary current limit controls the internal COMP
voltage to the PWM comparators to 2 V. This limits the
voltage drop across the low-side MOSFETs through the
current balance circuitry.
An inherent per phase current limit protects individual phases,
if one or more phases stops functioning because of a faulty
component. This limit is based on the maximum normal mode
COMP voltage.
Figure 9. Overcurrent Latch-Off Waveforms
Channel 1: CSREF, Channel 2: DELAY,
Channel 3: COMP, Channel 4: Phase 1 Switch Node
DYNAMIC VID
The ADP3188 has the ability to dynamically change the VID
input while the controller is running. This allows the output
voltage to change while the supply is running and supplying
current to the load. This is commonly referred to as VID on-
the-fly (OTF). A VID OTF can occur under either light or
heavy load conditions. The processor signals the controller by
changing the VID inputs in multiple steps from the start code
to the finish code. This change can be positive or negative.
When a VID input changes state, the ADP3188 detects the
change and ignores the DAC inputs for a minimum of 400 ns.
This time prevents a false code due to logic skew while the six
VID inputs are changing. Additionally, the first VID change
initiates the PWRGD and crowbar blanking functions for a
minimum of 100 µs to prevent a false PWRGD or crowbar
event. Each VID change resets the internal timer.


Número de pieza similar - ADP3188

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3188 AD-ADP3188 Datasheet
326Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. B
More results

Descripción similar - ADP3188

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3197 AD-ADP3197 Datasheet
689Kb / 32P
   6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
logo
Analog Devices
ADP3196 AD-ADP3196 Datasheet
539Kb / 20P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com