Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2SK3059 Datasheet(PDF) 3 Page - NEC

No. de Pieza. 2SK3059
Descripción  SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo 

2SK3059 Datasheet(HTML) 3 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D13098EJ3V0DS
3
2SK3059
TYPICAL CHARACTERISTICS (TA = 25°C)
5
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TC - Case Temperature -
°C
0
25
50
75
100 125 150 175 200
20
40
60
80
100
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
TC - Case Temperature -
°C
0
25
50
75
100 125 150 175 200
70
60
50
40
30
20
10
FORWARD BIAS SAFE OPERATING AREA
VDS - Drain to Source Voltage - V
1
10
100
0.1
1
10
TC = 25˚C
Single Pulse
0.1
100
1000
ID(pulse)
P
W =
10 µ
s
100
µs
1 ms
10
ms
100
ms
Po
wer
Dissipation
Limited
DC
RDS(on)
LimitedID(DC)
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
10
0.001
0.01
0.1
1
100
1000
1 m10 m
100 m
1
10
100
1000
10
µµ
100
Rth(ch-C)= 4.17˚C/W
Rth(ch-A)= 62.5˚C/W
Single Pulse
TC= 25˚C/W


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn