Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CBC2012T100M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza CBC2012T100M
Descripción Electrónicos  WOUND CHIP INDUCTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

CBC2012T100M Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CBC2012T100M Datasheet HTML 1Page - List of Unclassifed Manufacturers CBC2012T100M Datasheet HTML 2Page - List of Unclassifed Manufacturers CBC2012T100M Datasheet HTML 3Page - List of Unclassifed Manufacturers CBC2012T100M Datasheet HTML 4Page - List of Unclassifed Manufacturers CBC2012T100M Datasheet HTML 5Page - List of Unclassifed Manufacturers CBC2012T100M Datasheet HTML 6Page - List of Unclassifed Manufacturers CBC2012T100M Datasheet HTML 7Page - List of Unclassifed Manufacturers CBC2012T100M Datasheet HTML 8Page - List of Unclassifed Manufacturers CBC2012T100M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
190
110
1
10
100
100
1000
CB2518
470M
100M
2R2M
直流重畳特性例 DC Bias characteristics (Measured by HP4285A+42841A)
特性図 ELECTRICAL CHARACTERISTICS
110
1
10
100
100
1000
CBL2012
470M
100M
4R7M
1
10
100
CBC2518
1
10
1000
100
10000
470M
100M
1R0M
110
1
10
100
100
1000
CB2016
470M
100M
2R2M
110
1
10
100
100
1000
CB2012
470M
100M
2R2M
110
1
10
100
100
1000
CBC2012
470M
100M
2R2M
110
1
10
100
1000
100
10000
CBC2016
470M
100M
2R2M
1
10
100
CBC3225
1
10
1000
100
10000
100M


Número de pieza similar - CBC2012T100M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiyo Yuden (U.S.A.), I...
CBC2012T100M TAIYO-YUDEN-CBC2012T100M Datasheet
143Kb / 1P
   Wire-wound Chip Power Inductors
CBC2012T100M TAIYO-YUDEN-CBC2012T100M Datasheet
283Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CBC]
CBC2012T100M TAIYO-YUDEN-CBC2012T100M Datasheet
363Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
logo
Kemet Corporation
CBC2012T100M-K KEMET-CBC2012T100M-K Datasheet
408Kb / 32P
   Surface Mount Ferrite Products
logo
Taiyo Yuden (U.S.A.), I...
CBC2012T100M8 TAIYO-YUDEN-CBC2012T100M8 Datasheet
295Kb / 3P
   Wire-wound Chip Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (CB series)[CBC]
More results

Descripción similar - CBC2012T100M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com