Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HX711 Datasheet(PDF) 1 Page - Avia Semiconductor Co., Ltd.

No. de pieza HX711
Descripción Electrónicos  24-Bit Analog-to-Digital Converter (ADC) for Weigh Scales
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVIA [Avia Semiconductor Co., Ltd.]
Página de inicio  http://www.aviaic.com/ENDefault.aspx
Logo AVIA - Avia Semiconductor Co., Ltd.

HX711 Datasheet(HTML) 1 Page - Avia Semiconductor Co., Ltd.

  HX711 Datasheet HTML 1Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 2Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 3Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 4Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 5Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 6Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 7Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 8Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 9Page - Avia Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HX711
TEL:
(592) 252-9530 (P. R. China)
AVIA SEMICONDUCTOR
EMAIL: market@aviaic.com
V2.0
24-Bit Analog-to-Digital Converter (ADC) for Weigh Scales
DESCRIPTION
Based on Avia Semiconductor’s patented
technology, HX711 is a precision 24-bit analog-
to-digital converter (ADC) designed for weigh
scales and industrial control applications to
interface directly with a bridge sensor.
The input multiplexer selects either Channel A
or
B
differential
input
to
the
low-noise
programmable gain amplifier (PGA). Channel A
can be programmed with a gain of 128 or 64,
corresponding to a full-scale differential input
voltage of ±20mV or ±40mV respectively, when
a 5V supply is connected to AVDD analog power
supply pin. Channel B has a fixed gain of 32. On-
chip power supply regulator eliminates the need
for an external supply regulator to provide analog
power for the ADC and the sensor. Clock input is
flexible. It can be from an external clock source, a
crystal, or the on-chip oscillator that does not
require any external component. On-chip power-
on-reset circuitry simplifies digital interface
initialization.
There is no programming needed for the
internal registers. All controls to the HX711 are
through the pins.
FEATURES
• Two selectable differential input channels
• On-chip active low noise PGA with selectable gain
of 32, 64 and 128
• On-chip power supply regulator for load-cell and
ADC analog power supply
• On-chip oscillator requiring no external
component with optional external crystal
• On-chip power-on-reset
• Simple digital control and serial interface:
pin-driven controls, no programming needed
• Selectable 10SPS or 80SPS output data rate
• Simultaneous 50 and 60Hz supply rejection
• Current consumption including on-chip analog
power supply regulator:
normal operation < 1.5mA, power down < 1uA
• Operation supply voltage range: 2.6 ~ 5.5V
• Operation temperature range: -40 ~ +85℃
• 16 pin SOP-16 package
APPLICATIONS
• Weigh Scales
• Industrial Process Control
2.7~5.5V
VBG
PGA
Gain = 32, 64, 128
24-bit 
ADC
Input
MUX
Digital
Interface
Analog Supply Regulator
Internal
Oscillator
Bandgap Reference
HX711
XI
XO
DOUT
PD_SCK
RATE
BASE
VSUP
DVDD
INB-
INB+
INA-
INA+
To/From
MCU
AVDD
AGND
Load cell
Fig. 1 Typical weigh scale application block diagram
VFB
R2
R1
0.1uF
10uF
S8550
VAVDD
VSUP


Número de pieza similar - HX711

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
SparkFun Electronics
SparkFun Electronics
HX711 SPARKFUN-HX711 Datasheet
471Kb / 10P
   Load Cell Amplifier HX711 Breakout Hookup Guide
9/9/2016
More results

Descripción similar - HX711

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Avia Semiconductor Co., Ltd.
Avia Semiconductor Co.,...
HX712 AVIA-HX712 Datasheet
316Kb / 9P
   24-Bit Analog-to-Digital Converter (ADC) with Load-cell Power Supply Switch and Battery Voltage Detection for Weigh Scales
List of Unclassifed Manufacturers
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
Texas Instruments
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
Burr-Brown (TI)
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
Texas Instruments
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com