Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HX711 Datasheet(PDF) 2 Page - Avia Semiconductor Co., Ltd.

No. de pieza HX711
Descripción Electrónicos  24-Bit Analog-to-Digital Converter (ADC) for Weigh Scales
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVIA [Avia Semiconductor Co., Ltd.]
Página de inicio  http://www.aviaic.com/ENDefault.aspx
Logo AVIA - Avia Semiconductor Co., Ltd.

HX711 Datasheet(HTML) 2 Page - Avia Semiconductor Co., Ltd.

  HX711 Datasheet HTML 1Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 2Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 3Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 4Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 5Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 6Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 7Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 8Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 9Page - Avia Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HX711
AVIA SEMICONDUCTOR
V2.0
2
Pin Description
SOP-16L Package
VSUP
Analog Ground
BASE
Analog Power
AVDD
Ch. A Negative Input
VFB
Ch. A Positive Input
AGND
Regulator Power
VBG
Regulator Control Output
INNA
INPA
Output Data Rate Control Input
Crystal I/O and External Clock Input
DVDD
RATE
XI
XO
DOUT
PD_SCK
INPB
INNB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Regulator Control Input
Reference Bypass
Ch. B Negative Input
Ch. B Positive Input
Serial Data Output
Power Down and Serial Clock Input
Digital Power
Crystal I/O
Pin #
Name
Function
Description
1
VSUP
Power
Regulator supply: 2.7 ~ 5.5V
2
BASE
Analog Output Regulator control output(NC when not used)
3
AVDD Power
Analog supply: 2.6 ~ 5.5V
4
VFB
Analog Input
Regulator control input(connect to AGND when not used)
5
AGND Ground
Analog Ground
6
VBG
Analog Output Reference bypass output
7
INA-
Analog Input
Channel A negative input
8
INA+
Analog Input
Channel A positive input
9
INB-
Analog Input
Channel B negative input
10
INB+
Analog Input
Channel B positive input
11
PD_SCK Digital Input
Power down control (high active) and serial clock input
12
DOUT Digital Output Serial data output
13
XO
Digital I/O
Crystal I/O (NC when not used)
14
XI
Digital Input
Crystal I/O or external clock input, 0: use on-chip oscillator
15
RATE Digital Input
Output data rate control, 0: 10Hz; 1: 80Hz
16
DVDD Power
Digital supply: 2.6 ~ 5.5V
Table 1 Pin Description


Número de pieza similar - HX711

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
SparkFun Electronics
SparkFun Electronics
HX711 SPARKFUN-HX711 Datasheet
471Kb / 10P
   Load Cell Amplifier HX711 Breakout Hookup Guide
9/9/2016
More results

Descripción similar - HX711

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Avia Semiconductor Co., Ltd.
Avia Semiconductor Co.,...
HX712 AVIA-HX712 Datasheet
316Kb / 9P
   24-Bit Analog-to-Digital Converter (ADC) with Load-cell Power Supply Switch and Battery Voltage Detection for Weigh Scales
List of Unclassifed Manufacturers
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
Texas Instruments
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
Burr-Brown (TI)
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
Texas Instruments
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com