Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HX711 Datasheet(PDF) 3 Page - Avia Semiconductor Co., Ltd.

No. de pieza HX711
Descripción Electrónicos  24-Bit Analog-to-Digital Converter (ADC) for Weigh Scales
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVIA [Avia Semiconductor Co., Ltd.]
Página de inicio  http://www.aviaic.com/ENDefault.aspx
Logo AVIA - Avia Semiconductor Co., Ltd.

HX711 Datasheet(HTML) 3 Page - Avia Semiconductor Co., Ltd.

  HX711 Datasheet HTML 1Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 2Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 3Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 4Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 5Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 6Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 7Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 8Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 9Page - Avia Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HX711
AVIA SEMICONDUCTOR
V2.0
3
KEY ELECTRICAL CHARACTERISTICS
Parameter
Notes
MIN
TYP
MAX
UNIT
Full scale differential
input range
V(inp)-V(inn)
±0.5(AVDD/GAIN)
V
Common mode input
AGND+1.2
AVDD-1.3
V
Output data rate
Internal Oscillator, RATE = 0
10
Hz
Internal Oscillator, RATE =
DVDD
80
Crystal or external clock,
RATE = 0
fclk/1,105,920
Crystal or external clock,
RATE = DVDD
fclk/138,240
Output data coding
2’s complement
800000
7FFFFF
HEX
Output settling time
(1)
RATE = 0
400
ms
RATE = DVDD
50
Input offset drift
Gain = 128
0.2
mV
Gain = 64
0.4
Input noise
Gain = 128RATE = 0
50
nV(rms)
Gain = 128RATE = DVDD
90
Temperature drift
Input offset(Gain = 128)
±6
nV/℃
Gain(Gain = 128)
±5
ppm/℃
Input common mode
rejection
Gain = 128RATE = 0
100
dB
Power supply rejection
Gain = 128RATE = 0
100
dB
Reference bypass
(VBG
1.25
V
Crystal or external clock
frequency
1
11.0592
20
MHz
Power supply voltage
DVDD
2.6
5.5
V
AVDD,VSUP
2.6
5.5
Analog supply current
(including regulator)
Normal
1400
A
Power down
0.3
Digital supply current
Normal
100
A
Power down
0.2
(1)Settling time refers to the time from power up, reset, input channel change and gain change
to valid stable output data.
Table 2 Key Electrical Characteristics


Número de pieza similar - HX711

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
SparkFun Electronics
SparkFun Electronics
HX711 SPARKFUN-HX711 Datasheet
471Kb / 10P
   Load Cell Amplifier HX711 Breakout Hookup Guide
9/9/2016
More results

Descripción similar - HX711

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Avia Semiconductor Co., Ltd.
Avia Semiconductor Co.,...
HX712 AVIA-HX712 Datasheet
316Kb / 9P
   24-Bit Analog-to-Digital Converter (ADC) with Load-cell Power Supply Switch and Battery Voltage Detection for Weigh Scales
List of Unclassifed Manufacturers
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
Texas Instruments
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
Burr-Brown (TI)
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
Texas Instruments
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com