Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HX711 Datasheet(PDF) 4 Page - Avia Semiconductor Co., Ltd.

No. de pieza HX711
Descripción Electrónicos  24-Bit Analog-to-Digital Converter (ADC) for Weigh Scales
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVIA [Avia Semiconductor Co., Ltd.]
Página de inicio  http://www.aviaic.com/ENDefault.aspx
Logo AVIA - Avia Semiconductor Co., Ltd.

HX711 Datasheet(HTML) 4 Page - Avia Semiconductor Co., Ltd.

  HX711 Datasheet HTML 1Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 2Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 3Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 4Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 5Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 6Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 7Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 8Page - Avia Semiconductor Co., Ltd. HX711 Datasheet HTML 9Page - Avia Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HX711
AVIA SEMICONDUCTOR
V2.0
4
Analog Inputs
Channel A differential input is designed to
interface
directly
with
a
bridge
sensor’s
differential output. It can be programmed with a
gain of 128 or 64. The large gains are needed to
accommodate the small output signal from the
sensor. When 5V supply is used at the AVDD pin,
these gains correspond to a full-scale differential
input voltage of ±20mV or ±40mV respectively.
Channel B differential input has a fixed gain of
32. The full-scale input voltage range is ±80mV,
when 5V supply is used at the AVDD pin.
Power Supply Options
Digital power supply (DVDD) should be the
same power supply as the MCU power supply.
When using internal analog supply regulator,
the dropout voltage of the regulator depends on
the external transistor used. The output voltage is
equal to VAVDD=VBG*(R1+R2)/R2 (Fig.1). This
voltage should be designed with a minimum of
100mV below VSUP voltage.
If the on-chip analog supply regulator is not
used, the VSUP pin should be connected to either
AVDD or DVDD, depending on which voltage is
higher. Pin VFB should be connected to Ground
and pin BASE becomes NC. The external 0.1uF
bypass capacitor shown on Fig. 1 at the VBG
output pin is then not needed.
Clock Source Options
By connecting pin XI to Ground, the on-chip
oscillator is activated. The nominal output data
rate when using the internal oscillator is 10
(RATE=0) or 80SPS (RATE=1).
If accurate output data rate is needed, crystal or
external reference clock can be used. A crystal
can be directly connected across XI and XO pins.
An external clock can be connected to XI pin,
through a 20pF ac coupled capacitor. This
external clock is not required to be a square wave.
It can come directly from the crystal output pin of
the MCU chip, with amplitude as low as 150 mV.
When using a crystal or an external clock, the
internal oscillator is automatically powered down.
Output Data Rate and Format
When using the on-chip oscillator, output data
rate
is
typically
10
(RATE=0)
or
80SPS
(RATE=1).
When using external clock or crystal, output
data rate is directly proportional to the clock or
crystal frequency. Using 11.0592MHz clock or
crystal results in an accurate 10 (RTE=0) or
80SPS (RATE=1) output data rate.
The output 24 bits of data is in 2’s complement
format. When input differential signal goes out of
the 24-bit range, the output data will be saturated
at 800000h (MIN) or 7FFFFFh (MAX), until the
input signal comes back to the input range.
Serial Interface
Pin PD_SCK and DOUT are used for data
retrieval, input selection, gain selection and power
down controls.
When output data is not ready for retrieval,
digital output pin DOUT is high. Serial clock
input PD_SCK should be low. When DOUT goes
to low, it indicates data is ready for retrieval. By
applying 25~27 positive clock pulses at the
PD_SCK pin, data is shifted out from the DOUT
output pin. Each PD_SCK pulse shifts out one bit,
starting with the MSB bit first, until all 24 bits are
shifted out. The 25
th pulse at PD_SCK input will
pull DOUT pin back to high (Fig.2).
Input and gain selection are controlled by the
number of the input PD_SCK pulses (Table 3).
PD_SCK clock pulses should not be less than 25
or more than 27 within one conversion period, to
avoid causing serial communication error.
PD_SCK Pulses
Input
channel
Gain
25
A
128
26
B
32
27
A
64
Table 3 Input Channel and Gain Selection


Número de pieza similar - HX711

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
SparkFun Electronics
SparkFun Electronics
HX711 SPARKFUN-HX711 Datasheet
471Kb / 10P
   Load Cell Amplifier HX711 Breakout Hookup Guide
9/9/2016
More results

Descripción similar - HX711

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
Avia Semiconductor Co., Ltd.
Avia Semiconductor Co.,...
HX712 AVIA-HX712 Datasheet
316Kb / 9P
   24-Bit Analog-to-Digital Converter (ADC) with Load-cell Power Supply Switch and Battery Voltage Detection for Weigh Scales
List of Unclassifed Manufacturers
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
Texas Instruments
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
Burr-Brown (TI)
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
Texas Instruments
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz