Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSM6665 Datasheet(PDF) 6 Page - OKI electronic componets

No. de pieza MSM6665
Descripción Electrónicos  DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6665 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM6665 Datasheet HTML 2Page - OKI electronic componets MSM6665 Datasheet HTML 3Page - OKI electronic componets MSM6665 Datasheet HTML 4Page - OKI electronic componets MSM6665 Datasheet HTML 5Page - OKI electronic componets MSM6665 Datasheet HTML 6Page - OKI electronic componets MSM6665 Datasheet HTML 7Page - OKI electronic componets MSM6665 Datasheet HTML 8Page - OKI electronic componets MSM6665 Datasheet HTML 9Page - OKI electronic componets MSM6665 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6/30
¡ Semiconductor
MSM6665-xx
AC Characteristics
Parameter
Min.
Unit
Symbol
Condition
Max.
300
200
0
200
200
5
200
50
ns
µs
200
200
(VDD–VSS=2.5 to 5.5V, Ta=–40 to +85°C)
CS Setup Time
tCS
CS Hold Time
tCH
SO ON Delay Time
tON
SO OFF Delay Time
tOFF
SO Output Delay Time
tDLY
Input Setup Time
tIS
Input Hold Time
tIH
Input Waveform Rise Time, Fall Time
tr, tf
Reset Pulse Input Pulse Width
tRT
CL=45pF
All inputs
t IS
CS
SI
C/
SHT
SO
RST
D
t IH
t CS
"Z"
t ON
t DLY
t RT
t OFF
"Z"
t CH
VIH2
VIL2
VIL2
VIH2
VIL2
VIH2
VIL2
VIH2
VIL2
VOH
VOL
VIH2=0.8VDD
VIL2=0.2VDD
VOH=VDD–0.5V
VOL=0.5V
*
Oscillation Circuit
RS
C OSC3
R
OSC2
OSC1


Número de pieza similar - MSM6665

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6665C-XX OKI-MSM6665C-XX Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
More results

Descripción similar - MSM6665

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
MSM6665C OKI-MSM6665C Datasheet
499Kb / 31P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM6555B-XX OKI-MSM6555B-XX Datasheet
208Kb / 27P
   DOT MATRIX LCD CONTROLLER WITH 17-DOT COMMON DRIVER AND 80-DOT SEGMENT DRIVER
MSM5299B OKI-MSM5299B Datasheet
234Kb / 11P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B OKI-MSM6222B Datasheet
390Kb / 45P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM9005 OKI-MSM9005 Datasheet
296Kb / 30P
   DOT MATRIX LCD CONTROLLER WITH 8-DOT COMMON DRIVER AND 65-DOT SEGMENT DRIVER
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040A OKI-ML9040A Datasheet
435Kb / 49P
   DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
MSM5279 OKI-MSM5279 Datasheet
205Kb / 9P
   DOT MATRIX LCD 80 DOT SEGMENT DRIVER
MSM6222B-01 OKI-MSM6222B-01 Datasheet
825Kb / 37P
   DOT MATRIX LCD CONTROLLER WITH 16 DOT COMMON DRIVER AND 40 DOT SEGMENT DRTVER
MSM6368 OKI-MSM6368 Datasheet
443Kb / 10P
   DOT MATRIX 80 DOT COMMON DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com