Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LTM220MT05 Datasheet(PDF) 12 Page - Samsung semiconductor

No. de pieza LTM220MT05
Descripción Electrónicos  color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

LTM220MT05 Datasheet(HTML) 12 Page - Samsung semiconductor

Back Button LTM220MT05 Datasheet HTML 8Page - Samsung semiconductor LTM220MT05 Datasheet HTML 9Page - Samsung semiconductor LTM220MT05 Datasheet HTML 10Page - Samsung semiconductor LTM220MT05 Datasheet HTML 11Page - Samsung semiconductor LTM220MT05 Datasheet HTML 12Page - Samsung semiconductor LTM220MT05 Datasheet HTML 13Page - Samsung semiconductor LTM220MT05 Datasheet HTML 14Page - Samsung semiconductor LTM220MT05 Datasheet HTML 15Page - Samsung semiconductor LTM220MT05 Datasheet HTML 16Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
12/34
Page
LTM220MT05
MODEL
PRODUCT INFORMATION
PRODUCT INFORMATION
(2) Differential receiver voltage definitions and propagation delay and transition time test
circuit
a. All input pulses have frequency = 10MHz, t
R or tF=1ns
b. C
L includes all probe and fixture capacitance
Note a.
Note b.
(4) Definition of V
ID and VCM using single-end signals
(3) LVDS Receiver DC parameters are measured under static and steady conditions
which may not be reflective of its performance in the end application.
where tskew : skew between LVDS clock & LVDS data,
T
: 1 period time of LVDS clock
cf) (-/+) of 300psec means LVDS data goes before or after LVDS clock.
Differential
LVDS Data
RX +/-
t
SKEW
T
V
DIFF= 0V
V
DIFF= 0V
Differential
LVDS Clk


Número de pieza similar - LTM220MT05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
LTM220M1-L01 SAMSUNG-LTM220M1-L01 Datasheet
509Kb / 33P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT(Thin Film Transistor) as switching components.
LTM220M3-L02 SAMSUNG-LTM220M3-L02 Datasheet
886Kb / 40P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components.
More results

Descripción similar - LTM220MT05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
LTM220M3-L02 SAMSUNG-LTM220M3-L02 Datasheet
886Kb / 40P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components.
LTM230HP01 SAMSUNG-LTM230HP01 Datasheet
1,018Kb / 35P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT (Thin Film Transistor) as switching components.
LTM200KT03 SAMSUNG-LTM200KT03 Datasheet
726Kb / 34P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT(Thin Film Transistor) as switching components.
LTM220M1-L01 SAMSUNG-LTM220M1-L01 Datasheet
509Kb / 33P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon TFT(Thin Film Transistor) as switching components.
LTN154X3-L06 SAMSUNG-LTN154X3-L06 Datasheet
599Kb / 30P
   color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFT as a switching devices.
LTM201U1-L01 SAMSUNG-LTM201U1-L01 Datasheet
856Kb / 27P
   color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFTs as switching devices.
LTN170X2-L02 SAMSUNG-LTN170X2-L02 Datasheet
160Kb / 13P
   LTN170X2-L02 is a color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD) that uses amorphous silicon TFT as switching devices
LTA320AP05 SAMSUNG-LTA320AP05 Datasheet
1Mb / 26P
   color active matrix liquid crystal display (LCD) that uses amorphous silicon
LTM190EX-L31 SAMSUNG-LTM190EX-L31 Datasheet
485Kb / 32P
   color active matrix liquid crystal display (LCD) that uses amorphous
LT150X1-151 SAMSUNG-LT150X1-151 Datasheet
740Kb / 22P
   Color active matrix TFT (Thin Film Transistor) liquid crystal display (LCD)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com