Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GBJ3502 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

No. de Pieza. GBJ3502
Descripción  BRIDGE RECTIFIERS
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Página de inicio  http://www.trr-jx.com
Logo 

GBJ3502 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBJ35005 THRU GBJ3510
BRIDGE RECTIFIERS
Dimensions in inches and (milimeters)
? .122(3.1)
? .134(3.4)
.031(0.8)
.023(0.6)
.098(2.5)
.114(2.9)
.189(4.8)
.173(4.4)
.134(3.4)
.150(3.8)
.386(9.8)
.402(10.2) .303(7.7)
.287(7.3).287(7.3)
.303(7.7)
SPACING
.043(1.1)
.035(0.9)
.078(2.0)
.094(2.4)
.106(2.7)
.096(2.3)
1.169(29.7)
1.193(30.3)
+ ~ ~ _
.118(3.0)*45°
Features
·
Glass Passivated Die Construction
·
Low Reverse Leakage Current
·
Surge Overload Rating to 350A Peak
·
Ideal for Printed Circuit Board Applications
·
Plastic Material - UL Flammability
Classification 94V-0
·
UL Listed Under Recognized Component
Index, File Number # E469616
·
Case: Molded Plastic
·
Terminals: Plated Leads, Solderable per
MIL-STD-202, Method 208
·
Polarity: Molded on Body
·
Mounting: Through Hole for #6 Screw
·
Mounting Torque: 5.0 in-lbs Maximum
·
Weight: 6.6 grams (approx)
·
Marking: Type Number
Mechanical Data
GBJ
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics@ TA = 25°C unless otherwise specified
Characteristic
Symbol
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
RMS Reverse Voltage
VR(RMS)
Average Forward Rectified Output Current
(Note 1)
@ TC = 100°C
IO
Non-Repetitive Peak Forward Surge Current 8.3 ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
Forward Voltage (per element)
@ IF = 12.5A
VFM
Peak Reverse Current
@TC = 25°C
at Rated DC Blocking Voltage
@ TC = 125°C
IR
10
500
µA
I2t Rating for Fusing (t < 8.3ms) (Note 1)
I2t
510
A2s
Typical Junction Capacitance (per element) (Note 2)
Cj
85
pF
Typical Thermal Resistance Junction to Case (Note 3)
RqJC
0.6
°C/W
Operating and Storage Temperature Range
Tj, TSTG
Notes:
1. Non-repetitive, for t > 1ms and < 8.3 ms.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance from junction to case per element. Unit mounted on 220 x 220 x 1.6mm aluminum plate heat sink.
V
V
A
A
1.1
V
400
35.0
50
100
200
400
800
1000
600
35
70
140
280
420
560
700
-55 to + 150
35005 3501
3502
3504
3506
3508
3510
GBJ
GBJ
GBJ
GBJ
GBJ
GBJ
GBJ
°C
http://www.trr-jx.com
version: 02


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn