Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GBJ3502 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

No. de Pieza. GBJ3502
Descripción  BRIDGE RECTIFIERS
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Página de inicio  http://www.trr-jx.com
Logo 

GBJ3502 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating and Characteristic Curves ( TA=25 Unless otherwise noted )
C
o
1000
100
10
1.0
0.1
020
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL REVERSE
TJ=125
TJ=100
TJ=50
TJ=25
FIG.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(VOLTS)
FIG.1-FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE,℃
60
120
140
0
5
25
100
80
40
20
0
20
10
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
WITH HEATSINK
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXMUN NON-REPETITIVE
SURGE CURRENT
300
200
500
400
100
0
1
2
5
10
2
50
100
TJ=150
(JEDEC METHOD)
SINGLE -SINE- WAVE
Single Half-Sine- Wave
(JEDEC METHOD)
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
15
10.0
100
1.0
1.0
10
100
TJ=25,f=1MHZ
TJ = 25°C
PUSE WIDH 300us
0.1
0.01
1.0
0
0.2
0.8
0.4
1.0
1.6
0.6
1.2
1.4
100
1.8
10
WITHOUT HEATSINK
35
30
http://www.trr-jx.com
version: 02


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn