Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

GBU402G Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

No. de Pieza. GBU402G
Descripción  GBU4005
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Página de inicio  http://www.trr-jx.com
Logo 

GBU402G Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
· Glass passivated chip junction
GBU
· Reliable low cost construction utilizing molded
plastic technique
· Ideal for printed circuit board
· Low forward voltage drop
· Low reverse leakage current
· High surge current capability
MECHANICAL DATA
Case: Molded plastic, GBU
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
Mounting position: Any
Weight: 0.15ounce, 4.0gram
Maximum Ratings and Electrical Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Dimensions in millimeters
DimMin
Max
A
21.8
22.3
B
3.5
4.1
C
7.4
7.9
D
1.65
2.16
E
2.25
2.75
G
1.02
1.27
H
4.83
5.33
J
17.5
18.0
K
4.2 X 45°
L
18.3
18.8
M
3.30
3.56
N
0.46
0.56
P
0.76
1.0
- ~ ~ +
A
B
K
D
E
F
G
H
J
M
N
P
L
C
BRIDGE RECTIFIERS
GBU4005G THRU GBU410G
F
2.05
2.3
· UL Recognized File # E469616
Average Rectified Output Current (Note 1)@T =90
0.95
Forward Voltage per element
120
65
θJA
C
Typical Junction Capacitance per leg
RRM
Peak Reverse Current
@T =25
At Rated DC Blocking Voltage
@T =125
A
4.0
410G
408G
406G
404G
402G
401G
4005G
7.6
31
1.0
GBU
GBU
GBU
SYMBOL
V
VRWM
VDC
VRMS
35
70
140
280
420
560
700
VFM
R
RθJL
TJ,TSTG
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
uA
pF
℃/W
IR
5.0
500
A
V
IFSM
UNITS
V
V
A
1000
100
200
400
600
800
50
TYPE NUMBER
GBU
GBU
GBU
GBU
A
J
C
@IF=2A
@IF=4A
Rating for fusing (t <8.3ms)
I
2
t
59.7
A s
2
I
2
t
(Note 2)
Typical Thermal Resistance per leg (Note 3)
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
3. Device mounted on 50mm x 50mm x 1.6mm Cu Plate Heatsink.
IF(AV)
http://www.trr-jx.com
version: 02


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn