Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SEP240RF0603 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

No. de Pieza. SEP240RF0603
Descripción  Ceramic ESD Protecor
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Página de inicio  http://www.senocn.com/en/index.html
Logo 

SEP240RF0603 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
l
Ideal ESD protection for high frequency, high speed application.
l
Ultra-low capacitance.
l
Fast response time(<1ns,05ns typical).
l
Very low leakage current, reduces power consumption.
l
Bi-directional device for placement flexibility.
l
Surface mount design for board space savings.
l
Compatible with standard reflow installation procedures.
Main Application
The ESD Protector help protect sensitive electronic equipment against electrostatic discharge(ESD). These devices
are best suited for high-speed, high-frequency applications where low capacitance is important. The devices are used
to suppress fast-rising ESD transients(as specified in IEC61000-4-2 and MIL-STD-883C), Assist equipment to pass
these standards, while adding virtually no capacitance to the circuit. Typical application including:
High speed Data Ports, DV1,HDMI1.3/1.4,USB2.0/3.0,DisplayPort1.0/1.1,e-SATA,IEEE1394.
Antennas(Cell phone, Satellite Radio, GPS…),Blue Tooth, LED lighting Protection.
Portable devices, Cellular phone, PDA’s, Digital Cameras, Digital Camcorders.
High Speed Ethernet, DSL Modems, Computers & Peripherals, Printer ports.
HDTV, Set Top Boxes, DVD Players, A/V equipment, Multimedia Players.
Electrical Parameters (@ 25°C Ambient Temperature unless otherwise noted)
Part Number
Working Voltage
Trigger Voltage
Clamping Voltage
Leakage Current
Capacitance
VDC
VT
VC
IL
Cp
Max
Typ.
Typ.
Max.
Typ.
V
V
V
uA
pF
SEP240RF0603
24
200
30
0.1
0.2
*Trigger voltage measured per IEC61000-4-2, Level4,8KV.
*Capacitance measured at 1MHz.
*Leakage current measured at working voltage.
1 of 3
SEP240RF0603
Ceramic ESD Protecor
SEP240RF0603
Z ibo Seno Electronic Engineering Co., Ltd.
www.senocn.com
Alldatasheet


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn