Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CYT1000B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

No. de pieza CYT1000B
Descripción Electrónicos  Output current is adjustable 5mA-60mA竊똠onstant current precision
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

CYT1000B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CYT1000B Datasheet HTML 2Page - List of Unclassifed Manufacturers CYT1000B Datasheet HTML 3Page - List of Unclassifed Manufacturers CYT1000B Datasheet HTML 4Page - List of Unclassifed Manufacturers CYT1000B Datasheet HTML 5Page - List of Unclassifed Manufacturers CYT1000B Datasheet HTML 6Page - List of Unclassifed Manufacturers CYT1000B Datasheet HTML 7Page - List of Unclassifed Manufacturers CYT1000B Datasheet HTML 8Page - List of Unclassifed Manufacturers CYT1000B Datasheet HTML 9Page - List of Unclassifed Manufacturers CYT1000B Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CYT Opto-Electronic Technology Co.,Ltd. -CYT1000B
Tel:0755-86168222
Fax:0755-86168622
Website: www.cyt.com.cn
- 7 -
Integration of T8 fluorescent lamp scheme (0.5 90% efficiency without
stroboscopic PF)
2,PF value of 0.9 80% efficiency low cost solution
In the scenario above:
Input voltage is AC220V LED series voltage control between 220-240v,
low voltage LED lamp string increases IC loss, reduce the power conversion
efficiency. This plan line PF value around 0.9;When the LED lamp bead
amount is small, by choosing the appropriate value of capacitance step-down
and adjusting the constant current value, can achieve the best power efficiency
and PF value, suitable for 3-5 w light source module;
Capacitance C2 to filter the light bead on both ends of the voltage, solve


Número de pieza similar - CYT1000B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Changyuntong Semiconduc...
CYT1000B CYT-CYT1000B Datasheet
661Kb / 9P
   Single Integrated LIne-ReductIon LED Control Integrated Circuit
CYT1000BG CYT-CYT1000BG Datasheet
520Kb / 9P
   Single Integrated LIne-ReductIon LED Control Integrated Circuit
More results

Descripción similar - CYT1000B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
MP62550 MPS-MP62550 Datasheet
549Kb / 16P
   Precision 60mA-1.7A Programmable Current-Limited Power Distribution Switch
logo
Solid State Optronic
TD3083 SSOUSA-TD3083 Datasheet
441Kb / 9P
   Trigger Current (5mA MAX)
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Pericom Semiconductor C...
PI5PD2556 PERICOM-PI5PD2556 Datasheet
897Kb / 12P
   Precision Adjustable Current -Limited Power Switch
logo
NXP Semiconductors
NX5P2553 PHILIPS-NX5P2553_15 Datasheet
1Mb / 24P
   Precision adjustable current-limited power switch
Rev. 1-6 July 2015
logo
QX Micro Devices Co.,Lt...
QX7136 QXMD-QX7136 Datasheet
2Mb / 2P
   LED constant current driver with adjustable output current
logo
Shenzhen Huazhimei Semi...
HM72XX HMSEMI-HM72XX Datasheet
864Kb / 10P
   5mA~450mA Constant Current Regulator
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com