Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ALC888S-VD Datasheet(PDF) 48 Page - Realtek Semiconductor Corp.

No. de pieza ALC888S-VD
Descripción Electrónicos  7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  REALTEK [Realtek Semiconductor Corp.]
Página de inicio  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC888S-VD Datasheet(HTML) 48 Page - Realtek Semiconductor Corp.

Back Button ALC888S-VD Datasheet HTML 44Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 45Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 46Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 47Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 48Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 49Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 50Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 51Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 52Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
ALC888S-VD
Datasheet
7.1+2 Channel HD Audio Codec with Two Independent
SPDIF Outputs
40
Track ID: JATR-2265-11
Rev. 1.2
Codec Response for NID=17h (Port-H)
Bit
Description
31:24
Connection List Entry (N+3).
Returns 00h.
23:16
Connection List Entry (N+2).
Returns 00h.
15:8
Connection List Entry (N+1).
Returns 00h.
7:0
Connection List Entry (N).
Returns 0Fh (Sum Widget NID=0Fh) for N=0~3.
Returns 00h for N>3.
Codec Response for NID=18h~1Bh (Port-B/C/E/F)
Bit
Description
31:24
Connection List Entry (N+3).
Returns 0Fh (Sum Widget NID=0Fh) for N=0~3.
Returns 00h for n>3.
23:16
Connection List Entry (N+2).
Returns 0Eh (Sum Widget NID=0Eh) for N=0~3.
Returns 00h for N>3.
15:8
Connection List Entry (N+1).
Returns 0Dh (Sum Widget NID=0Dh) for N=0~3.
Returns 00h for N>3.
7:0
Connection List Entry (N).
Returns 0Ch (Sum Widget NID=0Ch) for N=0~3.
Returns 26h (Sum Widget NID=26h) for N=4~7.
Returns 00h for N>7.
Codec Response for NID=1Eh (Pin Widget: SPDIF-OUT)
Bit
Description
31:16
Connection List Entry (N+3) and (N+2).
Returns 0000h.
15:8
Connection List Entry (N+1).
Returns 00h.
7:0
Connection List Entry (N).
Returns 06h (SPDIF-OUT converter) for N=0~3.
Returns 00h for N>3.


Número de pieza similar - ALC888S-VD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD2-GR REALTEK-ALC888S-VD2-GR Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD2-GR REALTEK-ALC888S-VD2-GR Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
More results

Descripción similar - ALC888S-VD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Realtek Semiconductor C...
ALC887 REALTEK-ALC887 Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S REALTEK-ALC888S Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF-OUT
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892 REALTEK-ALC892_11 Datasheet
1Mb / 90P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC1150 REALTEK-ALC1150 Datasheet
1Mb / 88P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC889 REALTEK-ALC889 Datasheet
1Mb / 86P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892_11 REALTEK-ALC892_11_05 Datasheet
1Mb / 90P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC887-VD REALTEK-ALC887-VD Datasheet
1Mb / 91P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com