Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ALC888S-VD Datasheet(PDF) 80 Page - Realtek Semiconductor Corp.

No. de Pieza. ALC888S-VD
Descripción  7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
Descarga  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  REALTEK [Realtek Semiconductor Corp.]
Página de inicio  https://www.realtek.com/en/
Logo 

ALC888S-VD Datasheet(HTML) 80 Page - Realtek Semiconductor Corp.

Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
ALC888S-VD
Datasheet
7.1+2 Channel HD Audio Codec with Two Independent
SPDIF Outputs
72
Track ID: JATR-2265-11
Rev. 1.2
9.1.3.
Digital Filter Characteristics
Table 82. Digital Filter Characteristics
Filter
Description
Minimum
Typical
Maximum
Units
Passband (Upper Band < -0.030dB)
-
0.4350×Fs
-
KHz
Passband (Upper Band < -1.0dB)
-
0.4571×Fs
-
KHz
Passband Ripple
-
-
±0.030
dB
Stopband
0.565×Fs
-
-
KHz
ADC Filter
Stopband Attenuation
80
-
-
dB
ADC Highpass Filter
Passband Frequency Response: -0.15dB
(Fs=192000)
-
20
-
Hz
Passband Frequency Response: -0.03dB
-
0.441×Fs
-
KHz
Stopband
0.559×Fs
-
1.5×Fs
KHz
Stopband Rejection
90
-
-
dB
DAC Lowpass Filter
Passband Ripple
-
-
±0.030
dB
DAC Highpass Filter
Passband Frequency Response: -0.15dB
(Fs=192000)
-
20
-
Hz
Note: Fs=Sample rate.
9.1.4.
SPDIF Input/Output Characteristics
DVDD=3.3V, Tambient=25°C, with 75Ω external load.
Table 83. SPDIF Input/Output Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
SPDIF-OUT High Level Output
VOH
3.0
3.3
-
V
SPDIF-OUT Low Level Output
VOL
-
0
0.3
V
SPDIF-IN High Level Input
VIH
1.85
-
-
V
SPDIF-IN Low Level Input
VIL
-
-
1.45
V
SPDIF-IN Bias Level
Vt
-
1.65
-
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn