Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

I2001-6IMN1722B Datasheet(PDF) 12 Page - ILLUMINANT CO., LTD

No. de pieza I2001-6IMN1722B
Descripción Electrónicos  PRODUCT SPECIFICATION FOR LCM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ILLUMINANT [ILLUMINANT CO., LTD]
Página de inicio  http://www.illumin.com.tw
Logo ILLUMINANT - ILLUMINANT CO., LTD

I2001-6IMN1722B Datasheet(HTML) 12 Page - ILLUMINANT CO., LTD

Back Button I2001-6IMN1722B Datasheet HTML 6Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 7Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 8Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 9Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 10Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 11Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 12Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 13Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 14Page - ILLUMINANT CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
I
IIL
L
LL
L
LU
U
UM
M
MI
IIN
N
NA
A
AN
N
NT
T
T
I2001-6IMN1722B
12/14
7. Timing Characteristics
7.1 Read/Write characteristics (8080-series MPU)
Normal Write Mode (IOVCC=1.65~3.3V, VCC=2.4~3.3V)
Item
Symbol
Unit
Min.
Typ.
Max.
Test Condition
Bus cycle time
Write
tCYCW
ns
100
-
-
-
Read
tCYCR
ns
300
-
-
-
Write low-level pulse width
PWLW
ns
50
-
500
-
Write high-level pulse width
PWHW
ns
50
-
-
-
Read low-level pulse width
PWLR
ns
150
-
-
-
Read high-level pulse width
PWHR
ns
150
-
-
Write / Read rise / Fall time
tWRr/tWRf
ns
-
-
25
Setup time
Write (RS to nCS, E/nWR)
tAS
ns
10
-
-
Read (RS to nCS, RW/nRD)
5
-
-
Address hold time
tAH
ns
5
-
Write data set up time
tDSW
ns
10
-
Write data hold time
tH
ns
15
-
Read data delay time
tDDR
ns
-
100
Read data hold time
tDHR
ns
5
-


Número de pieza similar - I2001-6IMN1722B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MicroPower Direct, LLC
I2001RU MPD-I2001RU Datasheet
287Kb / 2P
   I2000RU SERIES
I2001RW MPD-I2001RW Datasheet
230Kb / 2P
   Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
More results

Descripción similar - I2001-6IMN1722B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ILLUMINANT CO., LTD
I2420-6OMN4823A ILLUMINANT-I2420-6OMN4823A Datasheet
751Kb / 28P
   PRODUCT SPECIFICATION FOR LCM
I4001-6XXT4827A ILLUMINANT-I4001-6XXT4827A Datasheet
873Kb / 12P
   PRODUCT SPECIFICATION FOR LCM
I1809-6IMN1216A ILLUMINANT-I1809-6IMN1216A Datasheet
376Kb / 13P
   PRODUCT SPECIFICATION FOR TFT LCM
I2417-7IMT2432A ILLUMINANT-I2417-7IMT2432A Datasheet
398Kb / 12P
   PRODUCT SPECIFICATION FOR TFT LCM
I3002-7IXN2440A ILLUMINANT-I3002-7IXN2440A Datasheet
470Kb / 20P
   PRODUCT SPECIFICATIO FOR LCM
I4303-6HMT4827A ILLUMINANT-I4303-6HMT4827A Datasheet
390Kb / 18P
   PRODUCT SPECIFICATIO FOR TFT LCM
I5002-6HPT4827A ILLUMINANT-I5002-6HPT4827A Datasheet
600Kb / 23P
   PRODUCT SPECIFICATIO FOR TFT LCM
I2810-7IMT2432A ILLUMINANT-I2810-7IMT2432A Datasheet
450Kb / 21P
   PRODUCT SPECIFICATIO FOR TFT LCM
I3504-6HMT3224B ILLUMINANT-I3504-6HMT3224B Datasheet
509Kb / 18P
   PRODUCT SPECIFICATIO FOR TFT LCM
logo
Varitronix internationa...
COG-T350MHQ-03 VARITRONIX-COG-T350MHQ-03 Datasheet
171Kb / 1P
   LCM Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com