Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM3551 Datasheet(PDF) 5 Page - National Semiconductor (TI) |
|
|
LM3551 Datasheet(HTML) 5 Page - National Semiconductor (TI) |
5 / 15 page Typical Performance Characteristics Unless otherwise specified: T A = +25˚C; VIN = 3.6V; L = 4.7µH, (R C = 10k Ω,C C = 4.7nF, CIN =COUT = 10µF for Lumiled LED), (RC = 27k Ω,C C = 10nF, CIN = 10µF, COUT = 4.7µF for Sharp LED), C FTO = 1µF, CSS= 0.1µF. Current Limit vs. Input Voltage V OUT =5V Current Limit vs. Input Voltage V OUT = 10V 20151220 Note 14: ICL measure when VOUT =95%xVOUT (nominal) 20151223 Note 15: ICL measure when VOUT =95%xVOUT (nominal) Converter Efficiency vs. Input Voltage Lumiled Flash LED Converter Efficiency vs. Input Voltage Sharp Flash LED 20151211 20151212 www.national.com 5 |
Número de pieza similar - LM3551 |
|
Descripción similar - LM3551 |