Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC1DU064NDYC-0QC00 Datasheet(PDF) 2 Page - Samsung semiconductor

No. de pieza MC1DU064NDYC-0QC00
Descripción Electrónicos  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAMSUNG [Samsung semiconductor]
Página de inicio  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1DU064NDYC-0QC00 Datasheet(HTML) 2 Page - Samsung semiconductor

  MC1DU064NDYC-0QC00 Datasheet HTML 1Page - Samsung semiconductor MC1DU064NDYC-0QC00 Datasheet HTML 2Page - Samsung semiconductor MC1DU064NDYC-0QC00 Datasheet HTML 3Page - Samsung semiconductor MC1DU064NDYC-0QC00 Datasheet HTML 4Page - Samsung semiconductor MC1DU064NDYC-0QC00 Datasheet HTML 5Page - Samsung semiconductor MC1DU064NDYC-0QC00 Datasheet HTML 6Page - Samsung semiconductor MC1DU064NDYC-0QC00 Datasheet HTML 7Page - Samsung semiconductor MC1DU064NDYC-0QC00 Datasheet HTML 8Page - Samsung semiconductor MC1DU064NDYC-0QC00 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
MultiMediaCard
TM
2
Revision History
Revision
No.
History
Draft Date
Remark
0.0
1.
Initial Draft
November 29
th 2001
Preliminary
0.1
1.
Changed CSD filed
2.
Added Command Response Timing
3.
Added SPI Bus Timing
March 15
th 2002
Preliminary
0.2
1.
Added Ordering Information (page 6)
2.
Added Power Consumption (page 13)
June 21
st 2002
Preliminary
0.3
1.
Changed CSD field (page 22)
2.
Changed command class (page 30)
3.
Added operating characteristics (page 14)
November 23
rd 2002
Preliminary
0.4
1.
Changed ordering information (page 6)
2.
Changed memory array structure (page 9)
3.
Change C_SIZE and C_SIZE_MULT(page 26)
April 7
th 2003
Advanced
0.5
1.
Changed CSD information (page 22,23)
2.
Deleted paragraphs regarding stream read and
partial read/write
April 26
th 2003
0.6
1.
Added dimensions of RS-MMC
2.
Added product code of RS-MMC
November 12
th 2003
0.7
1.
Added product code of MMC using
S3C49M8X01 controller
2.
Added product code of programmable CID
MMC using S3C49M8X01 controller
December 2
nd 2003
0.8
1.
Changed controller type for all kinds of MMC
February 16
th 2004
0.9
1.
Changed product model
- Changed from “no lead free” to “lead free” for
NAND Flash PKG (page 5,6)
2.
Changed CSD Field (page23)
3.
Changed ERASE_GRP_SIZE (page27)
June 4
th 2004


Número de pieza similar - MC1DU064NDYC-0QC00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
MC1.5/5-STF-3.5 OMRON-MC1.5/5-STF-3.5 Datasheet
3Mb / 34P
   Non-contact Data Communications System
logo
American Microsemicondu...
MC1.5K36C AMMSEMI-MC1.5K36C Datasheet
960Kb / 3P
   Transient Voltage Suppressor
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Descripción similar - MC1DU064NDYC-0QC00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com