Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AT71201M Datasheet(PDF) 1 Page - ATMEL Corporation

No. de Pieza. AT71201M
Descripción  Atmels AT71201M is a full-frame sensor based on charge-coupled device (CCD) technology
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo 

AT71201M Datasheet(HTML) 1 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
5328A–IMAGE–05/03
Features
Full-Frame Image Sensor 4096 x 4096 Pixels
11 µm x 11 µm Photo-MOS Pixel with 100% Aperture
Image Zone: 45 x 45 mm
Frame Readout Through One, Two or Four Outputs
Data Rates Up to 4 x 40 MHz (Compatibility with 7, 4 Frames/Second)
True 12-bit High Dynamic Range
Very Low Readout Noise
Very Low Dark Current (MPP Mode)
Optimized Resolution and Responsivity in the 400 - 1100 nm Spectrum
On-chip Thermometer for Each Quarter
Additional Full-Frame Operating Modes:
– 4/3 Aspect Ratio: 4096 x 3072
– 2/1 Aspect Ratio: 4096 x 2048
– Binning 2 x 2 Pixels (Format 2048 x 2048 Pixels of 22 x 22 µm)
– Binning 4 x 4 Pixels (Format 1024x 1024 Pixels of 44 x 44 µm)
On-request Frame Transfer Architecture:
– 2048 Active Lines, One Memory Zone with Frame Readout Through One or Two
Outputs
– 2048 Active Lines, Two Memories Zones with Frame Readout Through Two or Four
Outputs
Applications
Flexibility and performance makes this device suitable for digital photography, graphic
arts, medical or industrial applications and scientific analysis.
Description
Atmel's AT71201M is a full-frame sensor based on charge-coupled device (CCD)
technology. It can be used in a wide range of applications thanks to operating mode
flexibility, very high definition and high dynamic range.
The nominal photosensitive area is made up of 4096 x 4096 useful pixels and is split
into four independent zones that are driven separately by four independent four-phase
clock sets. Thus the sensor can be used in up to 12 main modes.
The large format and high definition make the device suitable for any application
requiring precision.
The high sensitivity of the 11 x 11 µm pixels with 100% fill factor provides a large
bandwidth of response with up to 1100 nm wavelength.
Two serial registers and four independent output amplifiers offer a high-frequency
functionality at 40 MSPS and up to 7.4 frames per second with a high signal to noise
ratio.
16 M-Pixels
Sensor
AT71201M
Preliminary
Rev. 5328A–IMAGE–05/03


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn