Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AT71201M Datasheet(PDF) 4 Page - ATMEL Corporation

No. de pieza AT71201M
Descripción Electrónicos  Atmels AT71201M is a full-frame sensor based on charge-coupled device (CCD) technology
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT71201M Datasheet(HTML) 4 Page - ATMEL Corporation

  AT71201M Datasheet HTML 1Page - ATMEL Corporation AT71201M Datasheet HTML 2Page - ATMEL Corporation AT71201M Datasheet HTML 3Page - ATMEL Corporation AT71201M Datasheet HTML 4Page - ATMEL Corporation AT71201M Datasheet HTML 5Page - ATMEL Corporation AT71201M Datasheet HTML 6Page - ATMEL Corporation AT71201M Datasheet HTML 7Page - ATMEL Corporation AT71201M Datasheet HTML 8Page - ATMEL Corporation AT71201M Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
AT71201M
5328A–IMAGE–05/03
Block Diagram
Figure 2. AT71201M Block Diagram - Top View
4096 x 4096 useful pixels
(11 x 11 µm²) = 45 x 45 mm²
8 vertical & horizontal insulating
elements (including 4 dark ones)
24 vertical
references
ΦPAj
ΦPBj
ΦPCj
ΦPDj
ΦPAj
ΦPBj
ΦPCj
ΦPDj
ΦLA1 to 4
ΦLB1 to 4
ΦTB
ΦTA
ΦTA
ΦTB
ΦLs1
VS1
VGS1
VOS1
ΦR1
VDD1
VDR1
VTHH1
VTHL1
ΦLs3
VS3
VGS3
VOS3
ΦR3
VDD3
VDR3
ΦLs4
VGS4
ΦR4
VDR4
VTHH3
VTHL3
VS4
VOS4
VDD4
VTHH4
VTHL4
VS2
ΦLs2
VOS2
VGS2
VDD2
ΦR2
VTHH2 VDR2
VTHL2
ΦLA5 to 8
ΦLB5 to 8
Readout
modes
Thermometer
VDEB
VDEA
VDE
VDE
16 Prescans
A Zone
B Zone
C Zone
D Zone
}
}
}
}


Número de pieza similar - AT71201M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT71200 ATMEL-AT71200 Datasheet
281Kb / 19P
   8M-pixel Color Image Sensor
AT71200M ATMEL-AT71200M Datasheet
455Kb / 19P
   8M-pixel Color Image Sensor
Rev. 2133A-IMAGE-02/03
AT71200MCRENE ATMEL-AT71200MCRENE Datasheet
281Kb / 19P
   8M-pixel Color Image Sensor
AT71200MCRERE ATMEL-AT71200MCRERE Datasheet
281Kb / 19P
   8M-pixel Color Image Sensor
AT71200MCRERE ATMEL-AT71200MCRERE Datasheet
455Kb / 19P
   8M-pixel Color Image Sensor
Rev. 2133A-IMAGE-02/03
More results

Descripción similar - AT71201M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TCD2905D TOSHIBA-TCD2905D Datasheet
247Kb / 22P
   CCD Image Sensor CCD (charge coupled device)
TCD2560D TOSHIBA-TCD2560D Datasheet
285Kb / 15P
   TOSHIBA CCD Image Sensor CCD (charge coupled device)
TCD2703D TOSHIBA-TCD2703D Datasheet
263Kb / 13P
   CCD Linear Image Sensor CCD (Charge Coupled Device)
TCD1707D TOSHIBA-TCD1707D Datasheet
399Kb / 11P
   CCD LINEAR IMAGE SENSOR CCD (CHARGE COUPLED DEVICE)
TCD102C-1 TOSHIBA-TCD102C-1 Datasheet
479Kb / 10P
   CCD LINEAR IMAGE SENSOR (Charge Coupled Device)
TC6133AF TOSHIBA-TC6133AF Datasheet
350Kb / 10P
   AREA IMAGE SENSOR CCD(Charge Coupled Device)
TCD2000P TOSHIBA-TCD2000P Datasheet
261Kb / 11P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD2558D TOSHIBA-TCD2558D Datasheet
244Kb / 15P
   TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD1001P TOSHIBA-TCD1001P Datasheet
288Kb / 11P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1304DG TOSHIBA-TCD1304DG Datasheet
491Kb / 15P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com