Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AT71201M Datasheet(PDF) 5 Page - ATMEL Corporation

No. de Pieza. AT71201M
Descripción  Atmels AT71201M is a full-frame sensor based on charge-coupled device (CCD) technology
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo 

AT71201M Datasheet(HTML) 5 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
AT71201M
5328A–IMAGE–05/03
Architectural
Overview
General Parameters
Notes:
1. The full-frame version can be read through one, two or four outputs
2. The lines summation into the register is made by a specific timing diagram. The inte-
gration time should be adapted to prevent charge overflow.
A specific clock allows column summation.
The pixel size is 11 x 11µm
2 with 100% fill factor (photo-MOS technology).
The sensor is compatible with a 180
° rotation.
The image zone commands are split in 4 horizontal areas. The combination of the
ΦPij clocks allows various transfer configurations.
The serial registers are driven by 8
ΦLi clocks. An adapted combination of them allows
transfers of 100% of stages to the right side or the left side or 50% in each direction.
Table 2. General Parameters
Parameter
Value
Pixel size
11 x 11 µm²
Number of useful pixels per line
4096
Number of useful lines
4096
Number of extra lines
8 per register
Number of readout registers
2
Number of prescan CCD stages (per output)
16
Number of dark references (cells per line)
24
Number of outputs (2 per register)
4(1)
MPP mode/low dark current mode
Yes (image zone)
Anti-blooming functionality
no
Binning (summation) mode
Yes(2)
Pixel clocking mode
4-phase
Readout Register clocking mode
2-phase
Specific functions
Thermometer


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn