Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AT71201M Datasheet(PDF) 6 Page - ATMEL Corporation

No. de Pieza. AT71201M
Descripción  Atmels AT71201M is a full-frame sensor based on charge-coupled device (CCD) technology
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo 

AT71201M Datasheet(HTML) 6 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
AT71201M
5328A–IMAGE–05/03
Organization
Top to Bottom
The AT71201M is made up of four zones (A, B, C and D) that are separately driven.
Corner to Center
Output Amplifiers
The charge packets are clocked towards the output nodes and are converted to volt-
ages. The potential at the output node is read through a source follower amplifier.
Figure 3. On-Chip Output Amplifiers
Table 3. Vertical Characteristics
Zone
Configuration
A
8 dummy lines (4 photosensitive ones)
2048 active lines, 100% photosensitive
B
2048 active lines, 100% photosensitive
C
2048 active lines, 100% photosensitive
D
2048 active lines, 100% photosensitive
8 dummy lines (4 photosensitive ones)
Table 4. Horizontal Characteristics for Different Modes
Characteristic
Readout Mode
One Output
Two Outputs on Same Register
Prescan stages
16
16
Dark references
24
24
Insulating elements
8
8
Useful pixels
4096
2048
M2
M1
M5
M4
M3
VOS
VDD
VS
M6
Output
node
ΦR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn