Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

FD20F20CT Datasheet(PDF) 1 Page - Shenzhen SI Semiconductors Co.,LTD.

No. de Pieza. FD20F20CT
Descripción  Fast Recovery Diode
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SISEMIC [Shenzhen SI Semiconductors Co.,LTD.]
Página de inicio  http://www.sisemi.com.cn/en_index.aspx
Logo 

FD20F20CT Datasheet(HTML) 1 Page - Shenzhen SI Semiconductors Co.,LTD.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
深圳深爱半导体股份有限公司
产品规格书
Shenzhen
Shenzhen
Shenzhen
Shenzhen SI
SI
SI
SI Semiconductors
Semiconductors
Semiconductors
Semiconductors Co.,
Co.,
Co.,
Co., LTD.
LTD.
LTD.
LTD.
Product
Product
Product
Product Specification
Specification
Specification
Specification
Si
Si
Si
Si semiconductors
semiconductors
semiconductors
semiconductors
201
201
201
2013
3
3
3....1
1
1
1
1
1
1
1
快恢复二极管/Fast
/Fast
/Fast
/Fast Recovery
Recovery
Recovery
Recovery Diode
Diode
Diode
Diode
FD20F20
FD20F20
FD20F20
FD20F20CT
CT
CT
CT
●特点:抗高浪涌性能
低正向电
大电流
低损耗
超快恢复特性 符合 RoHS
RoHS
RoHS
RoHS 规范
FEATURES
FEATURES
FEATURES
FEATURES:■HIGH SURGE CAPABILITY
■LOW FORWARD VOLTAGE
HIGH CURRENT CAPABILITY
Low Recovery Loss
Ultrafast Recovery Time RoHS COMPLIANT
●应用:续流电流
超声波清洗和焊接
PFC
PFC
PFC
PFC
UPS
UPS
UPS
UPS
APPLICATION:
APPLICATION:
APPLICATION:
APPLICATION: ■FREE WHEELING
■Ultrasonic Cleaner and Welder ■PFC
PFC
PFC
PFC
UPS
UPS
UPS
UPS
●最大额定值(Tc
Tc
Tc
Tc=25
=25
=25
=25°°°°C
C
C
C
●Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
TO-220
TO-220
TO-220
TO-220/220FP
/220FP
/220FP
/220FP
参数
PARAMETER
PARAMETER
PARAMETER
PARAMETER
符号
SYMBOL
SYMBOL
SYMBOL
SYMBOL
额定值
VALUE
VALUE
VALUE
VALUE
单位
UNIT
UNIT
UNIT
UNIT
反向电压(DC)
D.C. Reverse Voltage
VR
200
V
可重复反向电压
Repetitive Reverse Voltage
VRRM
200
V
平均输出电流
Average Forward Current
@TC=110°C,
IF(AV)
10
(单侧管脚/per leg)
A
20
(整管/Per Device)
不重复正向浪涌电流
Non-Repetitive Surge Forward
Current@T=10ms,Sine
IFSM
100
A
结温
Junction Temperature
TJ
-55 to +150
贮存温度
Storage Temperature
Tstg
-55 to +150
●电特性(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
●Electronic
Electronic
Electronic
Electronic Characteristics
Characteristics
Characteristics
Characteristics(Tc=25
Tc=25
Tc=25
Tc=25°°°°C
C
C
C)
符号
Symbol
Symbol
Symbol
Symbol
参数名称
Parameter
Parameter
Parameter
Parameter
测试条件
Test
Test
Test
Test Conditions
Conditions
Conditions
Conditions
最小值
Min.
Min.
Min.
Min.
典型值
Typ.
Typ.
Typ.
Typ.
最大值
Max.
Max.
Max.
Max.
单位
Unit
Unit
Unit
Unit
IRM
反向漏电流
Reverse Leakage
Current
VR=200V,
TJ=25°C
--
--
10
µA
VR=200V,
TJ=125°C
--
--
200
µA
VF
正向压降
Forward Voltage
IF=10A,
TJ=25°C
--
0.9
1.1
V
IF=10A,
TJ=125°C
--
0.86
--
V
trr
反向恢复时间
Reverse Recovery
Time
IF=1A, VR=30V,
diF/dt=-200A/μs
20
25
30
ns
trr
Reverse Recovery
Time
IF=8A
VR=100V
diF/dt=-200A/
μ
s
TJ=25°C
--
45
--
ns
trr
Reverse Recovery
Time
TJ=125°C
--
58
--
ns
IRRM
最大反向恢复电流
Max. Reverse
Recovery Current
TJ=125°C
--
6
--
A
●订单信息/ORDERING
/ORDERING
/ORDERING
/ORDERING INFORMATION:
INFORMATION:
INFORMATION:
INFORMATION:
包装形式/PACKING
/PACKING
/PACKING
/PACKING
订货编码/ORDERING
/ORDERING
/ORDERING
/ORDERING CODE
CODE
CODE
CODE
普通塑封料//// Nor
Nor
Nor
Norm
m
m
mal
al
al
al Package
Package
Package
Package Material
Material
Material
Material
无卤塑封料////Halogen
Halogen
Halogen
Halogen Free
Free
Free
Free
TO-220
TO-220
TO-220
TO-220 条管装/TUBE PACKING
FD20F20CT TO-220-TU
FD20F20CT TO-220-TU-HF
TO-220FP 条管装/TUBE PACKING
FD20F20CT TO-220FP-TU
FD20F20CT TO-220FP-TU-HF
FD20F20CT
FD20F20CT
FD20F20CT
FD20F20CT
FD20F20CT
FD20F20CT
FD20F20CT
FD20F20CT


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn