Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HC1900B03 Datasheet(PDF) 5 Page - Yantel Corporation

No. de pieza HC1900B03
Descripción Electrónicos  Hybrid Coupler 3 dB, 90o
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YANTEL [Yantel Corporation]
Página de inicio  http://en.yantel-corp.com/index_index.html
Logo YANTEL - Yantel Corporation

HC1900B03 Datasheet(HTML) 5 Page - Yantel Corporation

  HC1900B03 Datasheet HTML 1Page - Yantel Corporation HC1900B03 Datasheet HTML 2Page - Yantel Corporation HC1900B03 Datasheet HTML 3Page - Yantel Corporation HC1900B03 Datasheet HTML 4Page - Yantel Corporation HC1900B03 Datasheet HTML 5Page - Yantel Corporation HC1900B03 Datasheet HTML 6Page - Yantel Corporation HC1900B03 Datasheet HTML 7Page - Yantel Corporation HC1900B03 Datasheet HTML 8Page - Yantel Corporation HC1900B03 Datasheet HTML 9Page - Yantel Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Yantel Corporation
Add
3F, Building 3, Southern District 2 of Zhongguan Honghualing Industrial Park, Xili, Nanshan, Shenzhen, China
Tel
86-755-8355-1886 Fax
86-755-8355-2533
For detailed performance specs & shopping online see Yantel web site : www.yantel-corp.com
R
HC1900B03
Hybrid Coupler 3 dB, 90o
Rev A0
DUT
Por t 1 Port 2
Por t 3 Port 4
Vector
Network
Analyzer
Frequency Range(MHz)
Demo Board Loss (dB) @25℃
470-860
0.07
800-1000
0.10
1200-1700
0.15
1700-2000
0.15
2000-2300
2300-2700
0.20
0.25
Note:
1. When calculating insertion loss at room temperature,
demo board loss should be removed from both coupling & transmission data.
Please refer to the below table for demo board loss :
(
)
(
)
Definition of Measured Specifications
Parameter
Definition
Mathematical Representation
VSWR
(Voltage Standing Wave
Ratio)
The impedance match of
the coupler to a 50
W
system. A VSWR of 1:1 is
optimal.
VSWR =
min
max
V
V
Vmax = voltage maxima of a standing wave
Vmin = voltage minima of a standing wave
Return Loss
The impedance match of
the coupler to a 50
W
system. Return Loss is
an alternate means to
express VSWR.
Return Loss (dB)= 20log
1
-
VSWR
1
VSWR
+
Insertion Loss
The input power divided
by the sum of the power
at the two output ports.
Insertion Loss(dB)= 10log
transmission
cpl
in
P
P
P
+
Isolation
The input power divided
by the power at the
isolated port.
Isolation(dB)= 10log
iso
in
P
P
Phase Balance
The difference in phase
angle between the two
output ports.
Phase at coupled port – Phase at transmisson port
Amplitude Balance
The power at each output
divided by the average
power of the two outputs.
10log
+
2
P
P
P
transmission
cpl
cpl
and 10log
+
2
P
P
P
transmission
cpl
transmission
1. Calibrating your vector network analyzer.
2. Connect the VNA 4 Port to DUT respectively.
3. Measure the data of coupling through port 1 to port 4(S41).
4. Measure the data of transmission through port 1 to port 3(S31).
5. Measure the data of isolation through port 1 to port 2(S21).
6. Measure the data of phase port 4 & port 3(port 1 feeding).
7. Measure the data of return loss port 1, port 2, port 3 & port 4.
8. According to the above data to calculate insertion loss,
amplitude balance & phase.
Test Method


Número de pieza similar - HC1900B03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yantel Corporation
HC1900A03 YANTEL-HC1900A03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC1900E03 YANTEL-HC1900E03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC1900P03 YANTEL-HC1900P03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC1900P03H2 YANTEL-HC1900P03H2 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
More results

Descripción similar - HC1900B03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Yantel Corporation
HC1600P03 YANTEL-HC1600P03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC2500A03 YANTEL-HC2500A03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0900P03S YANTEL-HC0900P03S Datasheet
1Mb / 10P
   Hybrid Coupler 3 dB, 90o
HC2035A03 YANTEL-HC2035A03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC2100L03 YANTEL-HC2100L03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC2100P03 YANTEL-HC2100P03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC2500E03 YANTEL-HC2500E03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC09F03 YANTEL-HC09F03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC35F03 YANTEL-HC35F03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0230B03 YANTEL-HC0230B03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
HC0350A03 YANTEL-HC0350A03 Datasheet
1Mb / 9P
   Hybrid Coupler 3 dB, 90o
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com