Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DAC-1225SE Datasheet(PDF) 1 Page - DATEL, Inc.

No. de Pieza. DAC-1225SE
Descripción  Digital-to-Analog Converters
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DATEL [DATEL, Inc.]
Página de inicio  http://www.datel.com/
Logo 

DAC-1225SE Datasheet(HTML) 1 Page - DATEL, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number DAC-1225SE, Digital-to-Analog Converters
Specifications
Number of Channels
1
Resolution
12 Bit
Settling Time
35 ns
Power Consumption
0.075 W
Differential Non-Linearity Error/Other
0.5 LSB
Integral Non-Linearity Error/Other
0.75 LSB
Sampling Rate
125 MHz
Spurious Free Dynamic Range
72
Package Type
TSSOP Plastic
Required Supply Voltage 1st
+3 V
Operating Temp. Range (min)
-40 ºC
Operating Temp. Range (max)
+105 ºC
RoHS
Yes
Status
Recommended for new design
The DAC-1225SE is a Digital to Analog Converter with 12-bit resolution and up to 250MSPS
conversion rate. It operates from a single +3V to +5V supply and contains a precision internal 1.2 V
temperature compensated Bandgap voltage reference, externel reference option, edge-triggered
CMOS input latches and a power-down "sleep" mode. It offers 2mA to 20mA Output Current.
This converter provides excellent dynamic performance making it ideal for applications such as
signal reconstruction, high-resolution imaging, cellular basestations, test and medical instruments.
DATEL offers this converter in a small low cost plastic 28-pin TSSOP fully tested over the operating
temperature of -40°C to +105°C with ATE results recorded and stored.
The DAC-1225SE is a low cost enhanced Commercial Off-The-Shelf (COTS) devices and is the
best choice for Ruggedized, Military, Avionics, Aerospace and Medical applications that does not
require Hermetic or full MIL-Standard 883 products.
DATEL Innovation & Excellence
DATEL | 120 Forbes Blvd., Suite 125 Mansfield, MA 02048 | Phone: +1-508-964-5131 | www.datel.com
© DATEL is a registered trademark of DATEL, Inc.
4/17/2019 | Page 1 of 1


Html Pages

1 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn