Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAMH300N150 Datasheet(PDF) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

No. de pieza DAMH300N150
Descripción Electrónicos  N-Channel Enhancement Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Página de inicio  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.

DAMH300N150 Datasheet(HTML) 1 Page - DACO SEMICONDUCTOR CO.,LTD.

  DAMH300N150 Datasheet HTML 1Page - DACO SEMICONDUCTOR CO.,LTD. DAMH300N150 Datasheet HTML 2Page - DACO SEMICONDUCTOR CO.,LTD. DAMH300N150 Datasheet HTML 3Page - DACO SEMICONDUCTOR CO.,LTD. DAMH300N150 Datasheet HTML 4Page - DACO SEMICONDUCTOR CO.,LTD. DAMH300N150 Datasheet HTML 5Page - DACO SEMICONDUCTOR CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DACO SEMICONDUCTOR CO., LTD.
®
DAMH300N150
VDSS = 150V
Fully Avalanche Rated
Pb Free & RoHS Compliant
Backlighting
Power Converters
Synchronous Rectifiers
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
150
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
C
I
C
°
5
2
=
D
300
180
A
Drain Current-Pulsed @TC =25°C
Note1
IDM
1050
A
Maximum Power Dissipation
PD
320
W
Storage Temperature Range
TSTG
-50 to +150
°C
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
J
-50 to +150
°C
Thermal Resistance, Junction-to-Case
R JC
0.20
°C/W
N-Channel Enhancement Mode MOSFET
Features
Applications
Absolute Maximum Ratings (Tc=25°C unless otherwise noted)
RDS(ON) < 4.5
GS
V
Isolation Voltage (A.C. 1 minute)
iso
2500
V
M
Mounting torque (M5 Screw)
d
3-5
N m
Isolation Type Package
Electrically Isolation base plate
Preliminary
@ T
C
C
°
100
=
@ T
1
23
HB-9434
A
C
B
D
HH
I
NN
H
M
G
JK
L
S
R
OP
T
U
F
E
Q


Número de pieza similar - DAMH300N150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DACO SEMICONDUCTOR CO.,...
DAMH320N100 DACO-DAMH320N100 Datasheet
558Kb / 5P
   N-Channel Enhancement Mode MOSFET
DAMH360N150 DACO-DAMH360N150 Datasheet
557Kb / 5P
   N-Channel Enhancement Mode MOSFET
More results

Descripción similar - DAMH300N150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com